Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9118 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9118
Description  10W Stereo Class-D Speaker Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9118 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9118 Datasheet HTML 3Page - Richtek Technology Corporation RT9118 Datasheet HTML 4Page - Richtek Technology Corporation RT9118 Datasheet HTML 5Page - Richtek Technology Corporation RT9118 Datasheet HTML 6Page - Richtek Technology Corporation RT9118 Datasheet HTML 7Page - Richtek Technology Corporation RT9118 Datasheet HTML 8Page - Richtek Technology Corporation RT9118 Datasheet HTML 9Page - Richtek Technology Corporation RT9118 Datasheet HTML 10Page - Richtek Technology Corporation RT9118 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9118
7
DS9118-00
November 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Basic (Speaker Mode)
Output Offset Voltage
VOS
PVDDx = 12V, Gain = 31dB
--
--
20
mV
Quiescent Current
IQ
PVDDx = 12V, HPVDD
= 5V, no filter and load
IPVDD
--
10
15
mA
IHPVDD
--
1.5
2.5
mA
Shutdown Current
ISHDN
PVDDx = 12V,
HPVDD = 5V, EN = Low
IPVDD
--
1
1.5
mA
IHPVDD
--
1
1.5
mA
Drain-Source on State Resistance
RDS(ON)
PVDDx = 12V,
IO = 500mA
High-side
--
250
--
m
Low-side
--
200
--
Gain
Gain
Gain = 0
25
26
27
dB
Gain = 1
30
31
32
SPK Output Integrated Noise
Vn (SPK)
PVDDx = 12V, Gain = 26dB,
A-weighted
--
100
--
V
PVDDx = 12V, Gain = 31dB,
A-weighted
--
200
--
Signal-to-Noise Ratio
SNR
PVCC = 12V, Gain = 26dB,
A-weighted, THD+N = 1%
--
98
--
dB
SPK Output Power
Po
THD+N = 7%, PVCC = 11.3V,
RL = 8
--
8
--
W
THD+N = 10%, PVCC = 16V,
RL = 8
--
15
--
SPK Total Harmonic Distortion
Plus Noise
THD+N
(SPK)
PVDDx = 12V,
fin = 1kHz
Po = 5W
--
0.2
--
%
Po = 1W
--
0.1
--
Crosstalk
Vo = 1Vrms, Gain = 26dB,
fin = 1kHz
--
70
--
dB
Power Supply Ripple Rejection
PSRR
200mVPP ripple at 1kHz, Gain =
26dB, inputs ac-coupled to AGND
--
70
--
dB
Turn On Time
tON
--
25
--
ms
Turn off time
tOFF
--
2
--
s
Oscillator Frequency
fOSC
--
330
--
kHz
Output Power Limit
Vin = 1Vrms, Plimit, 25k
 to GND
5
--
6.5
W
Vin = 1Vrms, Plimit, 150k
 to GND
10
--
13
Basic (Headphone Mode)
HP Output Offset Voltage
VOS
PVDDx = 12V, Gain = 6dB
--
--
5
mV
HP Quiescent Current
IQ
PVDDx = 12V,
HPVDD = 5V
IPVDD
--
1.5
2
mA
IHPVDD
--
5.5
6.5
mA
HP Shutdown Current
ISHDN
PVDDx = 12V,
HPVDD = 5V, EN = low
IPVDD
--
1
1.5
mA
IHPVDD
--
1
1.5
mA
Headphone Gain
Gain
5
6
7
dB


Similar Part No. - RT9118

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
RT9116GQW RICHTEK-RT9116GQW Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
More results

Similar Description - RT9118

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
   10W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
   Stereo Class-D Power Amplifier for Speaker
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com