Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z3V0 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # MM5Z3V0
Description  100 mW, SOD-523 Series Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM5Z3V0 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  MM5Z3V0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM5Z3V0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM5Z3V0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MM5Z3V0 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
MM5Z Series
100 mW,
SOD-523 Series
Surface Mount Zener Diodes
21-Dec-2009 Rev. B
Page 4 of 4
CHARACTERISTIC CURVES
12
VZ, ZENER VOLTAGE (V)
100
10
1.0
0.1
0.01
10
8.0
6.0
4.0
2.0
0
TA = 25°C
VZ, ZENER VOLTAGE (V)
Figure 5. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 6. Zener Voltage versus Zener Current
(12 V to 75 V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25°C
TEMPERATURE (°C)
25
0
100
40
20
0
50
75
100
125
150
80
60
Figure 7. Steady State Power Derating


Similar Part No. - MM5Z3V0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z3V0 EIC-MM5Z3V0 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Microdiode Electronics ...
MM5Z3V0 CHENDA-MM5Z3V0 Datasheet
369Kb / 4P
   Zener Voltage Diodes
logo
Shanghai Leiditech Elec...
MM5Z3V0 LEIDITECH-MM5Z3V0 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z3V0 WEITRON-MM5Z3V0 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z3V0 DGNJDZ-MM5Z3V0 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z3V0

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
logo
ON Semiconductor
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
   Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
UN Semiconducctor INC
BZX584BXX UNSEMI-BZX584BXX Datasheet
2Mb / 6P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX584CXX UNSEMI-BZX584CXX Datasheet
3Mb / 7P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
ON Semiconductor
MM5ZXXXST1G ONSEMI-MM5ZXXXST1G Datasheet
179Kb / 5P
   Zener Voltage Regulators 500 mW SOD-523, Tight Tolerance Series
August, 2020 - Rev. 14
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com