Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222AM Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222AM
Description  0.5A, 75V NPN Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222AM Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT2222AM
0.5A, 75V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
19-May-2016 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - MMBT2222AM

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT2222AM JIANGSU-MMBT2222AM Datasheet
3Mb / 4P
   SOT-723 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
MMBT2222AM-C SECOS-MMBT2222AM-C Datasheet
300Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
ON Semiconductor
MMBT2222AM3T5G ONSEMI-MMBT2222AM3T5G Datasheet
174Kb / 6P
   NPN General Purpose Transistor
January, 2009 ??Rev. 0
MMBT2222AM3T5G ONSEMI-MMBT2222AM3T5G Datasheet
126Kb / 6P
   NPN General Purpose Transistor
June, 2012 ??Rev. 1
MMBT2222AM3T5G ONSEMI-MMBT2222AM3T5G_12 Datasheet
126Kb / 6P
   NPN General Purpose Transistor
June, 2012 ??Rev. 1
More results

Similar Description - MMBT2222AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S9013W SECOS-S9013W Datasheet
59Kb / 1P
   0.5A , 40V NPN Plastic Encapsulated Transistor
2SC6517 SECOS-2SC6517 Datasheet
376Kb / 4P
   0.5A , 350V NPN Plastic Encapsulated Transistor
KTC3876 SECOS-KTC3876 Datasheet
183Kb / 2P
   0.5A , 35V NPN Plastic Encapsulated Transistor
MMBTA43 SECOS-MMBTA43 Datasheet
59Kb / 1P
   0.5A , 200V NPN Plastic Encapsulated Transistor
KTA1505 SECOS-KTA1505 Datasheet
125Kb / 2P
   -0.5A , -35V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA55 SECOS-MPSA55 Datasheet
77Kb / 1P
   -0.5A , -60V PNP Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
   NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com