Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z27V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MM5Z27V
Description  100 mW, SOD-523 Series Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM5Z27V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MM5Z27V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM5Z27V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM5Z27V Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MM5Z27V Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MM5Z Series
100 mW,
SOD-523 Series
Surface Mount Zener Diodes
21-Dec-2009 Rev. B
Page 1 of 4
E
F
B
C
D
A
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Standard zener breakdown voltage range -2.0V to 75V
Steady state power rating of 100mW
Small body outline dimensions:1.2mm x 0.80mm
Low body height: 0.7mm
Package weight: 4.507 mg/unit
ESD rating of class 3(>16KV) per human body model
PACKAGING INFORMATION
Case: SOD-523,void-free, transfer-molded plastic
Finish: All external surfaces are corrosion resistant
Maximum case temperature for soldering purposes:
260°C for 10 seconds
Polarity: Cathode indicated by polarity band
Flammability rating: UL 94 V-0
Mounting position: Any
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
1
100
mW
Power Dissipation, Derate above 25°C
PD
1.5
mW/°C
Forward Voltage @ IF=10mA
2
VF
0.9
V
Thermal Resistance Junction to Ambient Air
1
R
θJA
625
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65 ~ 150
°C
Note:
1. Valid provided that device terminals are kept at ambient temperature.
2. Short duration test pulse used in minimizeing self-heating effect.
3. F=1 KHz
SOD-523
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
D
1.10
1.30
B
0.70
0.90
E
0.25
0.35
C
0.50
0.77
F
0.07
0.20


Similar Part No. - MM5Z27V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z27V EIC-MM5Z27V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z27V SUNMATE-MM5Z27V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
MM5Z27V WEITRON-MM5Z27V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
MM5Z27V SHUNYE-MM5Z27V Datasheet
402Kb / 3P
   200mW SOD-523 SU R F ACE MOUNT Zener Voltage Regulators
logo
Fairchild Semiconductor
MM5Z27V FAIRCHILD-MM5Z27V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z27V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
logo
ON Semiconductor
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
   Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
UN Semiconducctor INC
BZX584BXX UNSEMI-BZX584BXX Datasheet
2Mb / 6P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX584CXX UNSEMI-BZX584CXX Datasheet
3Mb / 7P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
ON Semiconductor
MM5ZXXXST1G ONSEMI-MM5ZXXXST1G Datasheet
179Kb / 5P
   Zener Voltage Regulators 500 mW SOD-523, Tight Tolerance Series
August, 2020 - Rev. 14
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com