Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMZJ3793B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMZJ3793B
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMZJ3793B Datasheet(HTML) 2 Page - Vishay Siliconix

  SMZJ3793B Datasheet HTML 1Page - Vishay Siliconix SMZJ3793B Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMZJ3788 thru SMZJ3809B
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88402
2
01-Aug-02
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
Max. Electrical Characteristics (con’t.) Operating Junction and Storage Temperature Range:TJ, TSTG: –55°C to +150°C
Device
Nominal Zener
Test
Max. Zener Impedance
Max. Reverse
Max. Zener
Part Number
Marking
Voltage
Current
Leakage Current
Current
Current
Modified J-Bend
Code
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
IR at VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SMZJ3800A,B
XK,L
30
12.5
26.0
750
0.25
5.0
22.8
41
SMZJ3801A,B
YA,B
33
11.4
33.0
800
0.25
5.0
25.1
38
SMZJ3802A,B
YC,D
36
10.4
38.0
850
0.25
5.0
27.4
35
SMZJ3803A,B
YE,F
39
9.6
45.0
900
0.25
5.0
29.7
31
SMZJ3804A,B
YG,H
43
8.7
53.0
950
0.25
5.0
32.7
28
SMZJ3805A,B
YI,J
47
8.0
67.0
1000
0.25
5.0
35.8
26
SMZJ3806A,B
YK,L
51
7.3
70.0
1100
0.25
5.0
38.8
24
SMZJ3807A,B
ZA,B
56
6.7
86.0
1300
0.25
5.0
42.6
22
SMZJ3808A,B
ZC,D
62
6.0
100.0
1500
0.25
5.0
47.1
20
SMZJ3809A,B
ZE,F
68
5.5
120.0
1700
0.25
5.0
51.7
18
Notes: (1) Standard voltage tolerance is ±20%, suffix “A” denotes ±10% and suffix “B” denotes ±5%
(2) Maximum steady state power dissipation is 1.5W at TL = 75°C (See Fig. 1)
0
100
10
1,000
1
100
500
10
0.5
Fig. 2 – Typical Zener Impedance
IZ -- Zener Test Current (mA)
0
2.0
1.5
1.0
25
50
75
100
125
150
175
Fig. 1 – Maximum Continuous Power
Dissipation
TL -- Lead Temperature (
°C)
Fig. 4 – Typical Temperature
Coefficients
VZ -- Zener Voltage (V)
0.5
60HZ
Resistive or
Inductive Load
P.C.B. Mounted on
0.31 x 0.31 x 0.08" (8 x 8 x 2mm)
Copper Pad Areas
TJ = 25°C
IZ(rms) = 0.1IZ (DC)
VZ = 62V
VZ = 22V
VZ = 10V
2
100
200
10
100
10
Fig. 3 – Typical Zener Impedance
VZ -- Zener Voltage (V)
IZ(rms) = 0.1IZ (DC)
IZ = 1mA
IZ = 10mA
IZ = 20mA
100
10
100
10
Tested at Rated IZT


Similar Part No. - SMZJ3793B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMZJ3793B GE-SMZJ3793B Datasheet
47Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMZJ3793B VISHAY-SMZJ3793B Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3793B VISHAY-SMZJ3793B Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZJ3793B VISHAY-SMZJ3793B Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
logo
SUNMATE electronic Co.,...
SMZJ3793B SUNMATE-SMZJ3793B Datasheet
515Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMZJ3793B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com