Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81302DT19GE-300 Datasheet(PDF) 11 Page - GSI Technology

Part # GS81302DT19GE-300
Description  Dual Double Data Rate interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302DT19GE-300 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS81302DT19GE-300 Datasheet HTML 7Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 8Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 9Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 10Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 11Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 12Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 13Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 14Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Nybble Write Clock Truth Table
NW
NW
NW
NW
Current Operation
D
D
D
D
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
T
T
T
T
Write
Dx stored if NWn = 0 in all four data transfers
D0
D2
D3
D4
T
F
F
F
Write
Dx stored if NWn = 0 in 1st data transfer only
D0
X
X
X
F
T
F
F
Write
Dx stored if NWn = 0 in 2nd data transfer only
X
D1
X
X
F
F
T
F
Write
Dx stored if NWn = 0 in 3rd data transfer only
X
X
D2
X
F
F
F
T
Write
Dx stored if NWn = 0 in 4th data transfer only
X
X
X
D3
F
F
F
F
Write Abort
No Dx stored in any of the four data transfers
X
X
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more NWn = 0, then NW = “T”, else NW = “F”.
x8 Nybble Write Enable (NWn) Truth Table
NW0
NW1
D0–D3
D4–D7
1
1
Don’t Care
Don’t Care
0
1
Data In
Don’t Care
1
0
Don’t Care
Data In
0
0
Data In
Data In
GS81302DT07/10/19/37E-450/400/350/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00b 8/2017
11/30
© 2011, GSI Technology


Similar Part No. - GS81302DT19GE-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302DT19GE-333 GSI-GS81302DT19GE-333 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
GS81302DT19GE-350I GSI-GS81302DT19GE-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
More results

Similar Description - GS81302DT19GE-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
GS8662D06BD-350 GSI-GS8662D06BD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D06GE-450I GSI-GS81302D06GE-450I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com