Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA2A Datasheet(PDF) 2 Page - Rohm

Part # FMA2A
Description  Emitter common (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA2A Datasheet(HTML) 2 Page - Rohm

  FMA2A Datasheet HTML 1Page - Rohm FMA2A Datasheet HTML 2Page - Rohm FMA2A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMA2 / UMA2N / FMA2A
Transistors
Rev.A
2/2
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
VI (off)
VI (on)
VO (on)
II
IO (off)
R1
GI
R2 / R1
Min.
−3
32.9
68
0.8
−0.1
47
1
−0.5
−0.3
−0.18
−0.5
61.1
1.2
V
VCC
=
−5V, IO= −100µA
VO
=
−0.3V, IO= −2mA
IO
=
−10mA/II= −0.5mA
VI
=
−5V
VCC
=
−50V, VI=0V
VO
=
−5V, IO= −5mA
V
mA
µA
k
Typ.
Max.
Unit
Conditions
fT
250
VCE
=
−10V, IE=5mA, f=100MHZ
MHz
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Transition frequency
Resistance ratio
Transition frequency of the device
Packaging specifications
Package
Code
TR
T148
3000
3000
Taping
Basic ordering
unit (pieces)
UMA2N
T2R
8000
EMA2
FMA2A
Type
Electrical characteristic curves
VO=
−0.3V
OUTPUT CURRENT : IO
(A)
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ
5m
−50m
Fig.1 Input voltage vs. output current
(ON characteristics)
25˚C
100˚C
Ta=
−40˚C
VCC=
−5V
0
−3
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1
−1.5
−2
−2.5
INPUT VOLTAGE : VI (off)
(V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta=100˚C
25˚C
−40˚C
Fig.3 DC current gain vs. output
current
VO=
−5V
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ
−5m
−50m
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
Ta=100˚C
25˚C
−40˚C
lO/lI=20
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ
−5m
−50m
Ta=100˚C
25˚C
−40˚C
−1
−500m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
OUTPUT CURRENT : IO
(A)
Fig.4 Output voltage vs. output
current


Similar Part No. - FMA2A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA2A ROHM-FMA2A Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2A ROHM-FMA2A Datasheet
1Mb / 9P
   Emitter common Dual digital transistors
FMA2A ROHM-FMA2A Datasheet
444Kb / 7P
   Built-In Biasing Resistors, R1 = R2 = 47kW.
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMA2A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com