Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABU2518 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ABU2518
Description  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2518 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

Back Button ABU2518 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2518
3.4
Plots of Noise Figure and Performances with Temperature
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
18
19
20
21
22
23
Frequency = 50 MHz
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
240
250
260
270
280
0
50
100
150
200
250
300
Frequency (MHz)
-40
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
0
5
10
15
20
25
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
0
1
2
3
4
5
6
-40 °C
+25 °C
+85 °C


Similar Part No. - ABU2518

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
More results

Similar Description - ABU2518

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com