Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16861A-128 Datasheet(PDF) 4 Page - Keysight Technologies

Part # 16861A-128
Description  Portable Logic Analyzers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

16861A-128 Datasheet(HTML) 4 Page - Keysight Technologies

  16861A-128 Datasheet HTML 1Page - Keysight Technologies 16861A-128 Datasheet HTML 2Page - Keysight Technologies 16861A-128 Datasheet HTML 3Page - Keysight Technologies 16861A-128 Datasheet HTML 4Page - Keysight Technologies 16861A-128 Datasheet HTML 5Page - Keysight Technologies 16861A-128 Datasheet HTML 6Page - Keysight Technologies 16861A-128 Datasheet HTML 7Page - Keysight Technologies 16861A-128 Datasheet HTML 8Page - Keysight Technologies 16861A-128 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
04 | Keysight | 16860A Series Portable Logic Analyzers - Data Sheet
Unleash the Power of a Logic Analyzer Plus an Oscilloscope
Seamless oscilloscope integration with View Scope
Easily make time-correlated measurements between Keysight logic analyzers and
oscilloscopes. The time-correlated logic analyzer and oscilloscope waveforms are integrated
into a single logic analyzer waveform display for easy viewing and analysis. You can also trigger
the oscilloscope from the logic analyzer (or vice versa); automatically de-skew the waveforms;
and maintain marker tracking between the two instruments. View Scope allows you to perform
the following more effectively:
– Validate signal integrity
– Track down problems caused by signal integrity
– Validate correct operation of A/D and D/A converters
– Validate correct logical and timing relationships between the analog and digital portions of
a design
Connection
The Keysight logic analyzer and oscilloscope can be physically connected with standard
BNC and LAN connections. Two BNC cables are connected for cross triggering, and the LAN
connection is used to transfer data between the instruments. The View Scope correlation
software is standard in the logic analyzer’s application software.
The View Scope software includes:
– Ability to import some or all of the captured oscilloscope waveforms
– Auto scaling of the scope waveforms for the best fit in the logic analyzer display
Feature
Benefit
Automated setup
Quickly get to your first measurement by using the logic analyzer’s
Help wizard for easy setup, regardless of which supported Keysight
oscilloscope you connect to.
Integrated waveform display
Instantly validate the logical and timing relationships between the
analog and digital portions of your design. View oscilloscope and
logic analyzer waveforms integrated into a single logic analyzer
waveform display.
Automatic measurement de-skew
Save time and gain confidence in measurement results with
measurements that are automatically de-skewed in time.
Cross trigger the logic analyzer and
oscilloscope
Start your debug approach from either the analog or digital domain
with the flexibility to trigger the oscilloscope from the logic analyzer
(or vice versa).
Tracking markers
Precisely relate information on the oscilloscope’s display to the
corresponding point in time on the logic analyzer display with
tracking markers. The oscilloscope’s time markers automatically
track adjustments of the logic analyzer’s global markers.


Similar Part No. - 16861A-128

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1686128 YAGEO-1686128 Datasheet
465Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - 16861A-128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
logo
Keysight Technologies
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com