Electronic Components Datasheet Search |
|
R-50C-011-3 Datasheet(PDF) 2 Page - Keysight Technologies |
|
R-50C-011-3 Datasheet(HTML) 2 Page - Keysight Technologies |
2 / 14 page 02 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet General features Number of channels N1911A P-Series power meter, single channel N1912A P-Series power meter, dual channel Frequency range N1921A P-Series wideband power sensor, 50 MHz to 18 GHz N1922A P-Series wideband power sensor, 50 MHz to 40 GHz Measurements Average, peak and peak-to-average ratio power measurements are provided with free-run or time-gated definitions. Time parameter measurements of pulse rise time, fall time, pulse width, time-to-positive occurrence and time-to-negative occurrence are also provided. Sensor compatibility P-Series power meters are compatible with all Keysight Technologies, Inc. P-Series wideband power sensors, E-Series sensors, 8480 Series sensors and N8480 Series sensors1. Compatibility with the 8480 and E-Series power sensors will be available free-of-charge in firmware release Ax.03.01 and above. Compatibility with N8480 Series power sensors will be available free-of-charge in firmware release A.05.00 and above. 1. Information contained in this document refers to operation with P-Series sensors. For specifications when used with 8480 and E-series sensors (except E9320A range), refer to Lit Number 5965-6382E. For specifications when used with E932XA sensors, refer to Lit Number 5980-1469E. A P-Series power meter is a LXI Class-C-compliant instrument, developed using LXI Technology. LXI, an acronym for LAN eXten- sion for Instrumentation, is an instrument standard for devices that use the Ethernet (LAN) as their primary communicationinter- face. Hence, it is an easy-to-use instrument especially with the usage of an integrated Web browser that provides a convenient way to configure theinstrument’s functionality. The P-Series power meters are supported by the Keysight Bench- Vue software (version 3.0 and above). BenchVue makes it easy to control your power meter to log data and visualize measurements in a wide array of display options without any programming. This software is available on the Keysight Instrument Control DVD, which is included with each meter. You can download the latest version of the software cost free at www.keysight.com/ find/BenchVue. Upgrading to the paid BenchVue Power Meter Pro version (BV0007A) provides unrestricted data logging. Specification Definitions There are two types of product specifications: – Warranted specifications are specifications which are covered by the product warranty and apply over 0 to 55 ºC unless oth- erwise noted. Warranted specifications include measurement uncertainty calculated with a 95% confidence. – Characteristic specifications are specifications that are not warranted. They describe product performance that is useful in the application of the product. These characteristic specifi- cations are shown in italics. Characteristic information is representative of the product. In many cases, it may also be supplemental to a warranted specification. Characteristic specifications are not verified on all units. There are several types of characteristic speci- fications. These types can be placed in two groups: One group of characteristic types describes ‘attributes’ common to all products of a given model or option. Exam- ples of characteristics that describe ‘attributes’ are prod- uct weight, and 50 ohm input Type-N connector. In these examples product weight is an ‘approximate’ value and a 50ohm input is ‘nominal’. These two terms are most widely used when describing a product’s ‘attributes’. The second group describes ‘statistically’ the aggregate performance of the population of products. These charac- teristics describe the expected behavior of the population of products. They do not guarantee the performance of any individual product. No measurement uncertainty value is accounted for in the specification. These specifications are referred to as ‘typical’. Conditions The power meter and sensor will meet its specifications when: – stored for a minimum of two hours at a stable tem- perature within the operating temperature range, and turned on for at least 30 minutes – the power meter and sensor are within their recom- mended calibration period, and – used in accordance to the information provided in the User's Guide. LXI Class-C-Compliant Power Meter |
Similar Part No. - R-50C-011-3 |
|
Similar Description - R-50C-011-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |