Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-50C-011-5 Datasheet(PDF) 2 Page - Keysight Technologies

Part # R-50C-011-5
Description  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-50C-011-5 Datasheet(HTML) 2 Page - Keysight Technologies

  R-50C-011-5 Datasheet HTML 1Page - Keysight Technologies R-50C-011-5 Datasheet HTML 2Page - Keysight Technologies R-50C-011-5 Datasheet HTML 3Page - Keysight Technologies R-50C-011-5 Datasheet HTML 4Page - Keysight Technologies R-50C-011-5 Datasheet HTML 5Page - Keysight Technologies R-50C-011-5 Datasheet HTML 6Page - Keysight Technologies R-50C-011-5 Datasheet HTML 7Page - Keysight Technologies R-50C-011-5 Datasheet HTML 8Page - Keysight Technologies R-50C-011-5 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
02 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
General features
Number of channels
N1911A P-Series power meter, single channel
N1912A P-Series power meter, dual channel
Frequency range
N1921A P-Series wideband power sensor, 50 MHz to 18 GHz
N1922A P-Series wideband power sensor, 50 MHz to 40 GHz
Measurements
Average, peak and peak-to-average ratio power measurements are provided with free-run or time-gated definitions.
Time parameter measurements of pulse rise time, fall time, pulse width, time-to-positive occurrence and time-to-negative
occurrence are also provided.
Sensor compatibility
P-Series power meters are compatible with all Keysight Technologies, Inc. P-Series wideband power sensors, E-Series sensors,
8480 Series sensors and N8480 Series sensors1. Compatibility with the 8480 and E-Series power sensors will be available
free-of-charge in firmware release Ax.03.01 and above. Compatibility with N8480 Series power sensors will be available
free-of-charge in firmware release A.05.00 and above.
1. Information contained in this document refers to operation with P-Series sensors. For specifications when used with 8480 and E-series sensors (except
E9320A range), refer to Lit Number 5965-6382E. For specifications when used with E932XA sensors, refer to Lit Number 5980-1469E.
A P-Series power meter is a LXI Class-C-compliant instrument,
developed using LXI Technology. LXI, an acronym for LAN eXten-
sion for Instrumentation, is an instrument standard for devices
that use the Ethernet (LAN) as their primary communicationinter-
face.
Hence, it is an easy-to-use instrument especially with the usage
of an integrated Web browser that provides a convenient way to
configure theinstrument’s functionality.
The P-Series power meters are supported by the Keysight Bench-
Vue software (version 3.0 and above). BenchVue makes it easy to
control your power meter to log data and visualize measurements
in a wide array of display options without any programming.
This software is available on the Keysight Instrument Control
DVD, which is included with each meter. You can download the
latest version of the software cost free at www.keysight.com/
find/BenchVue. Upgrading to the paid BenchVue Power Meter Pro
version (BV0007A) provides unrestricted data logging.
Specification Definitions
There are two types of product specifications:
– Warranted specifications are specifications which are covered
by the product warranty and apply over 0 to 55 ºC unless oth-
erwise noted. Warranted specifications include measurement
uncertainty calculated with a 95% confidence.
– Characteristic specifications are specifications that are not
warranted. They describe product performance that is useful
in the application of the product. These characteristic specifi-
cations are shown in italics.
Characteristic information is representative of the product.
In many cases, it may also be supplemental to a warranted
specification. Characteristic specifications are not verified
on all units. There are several types of characteristic speci-
fications. These types can be placed in two groups:
One group of characteristic types describes ‘attributes’
common to all products of a given model or option. Exam-
ples of characteristics that describe ‘attributes’ are prod-
uct weight, and 50 ohm input Type-N connector. In these
examples product weight is an ‘approximate’ value and a
50ohm input is ‘nominal’. These two terms are most widely
used when describing a product’s ‘attributes’.
The second group describes ‘statistically’ the aggregate
performance of the population of products. These charac-
teristics describe the expected behavior of the population
of products. They do not guarantee the performance of
any individual product. No measurement uncertainty value
is accounted for in the specification. These specifications
are referred to as ‘typical’.
Conditions
The power meter and sensor will meet its specifications
when:
– stored for a minimum of two hours at a stable tem-
perature within the operating temperature range, and
turned on for at least 30 minutes
– the power meter and sensor are within their recom-
mended calibration period, and
– used in accordance to the information provided in the
User's Guide.
LXI Class-C-Compliant Power Meter


Similar Part No. - R-50C-011-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R-50C-SC ETC2-R-50C-SC Datasheet
152Kb / 1P
   ICT 50C PROBE AND RECEPTACLE
More results

Similar Description - R-50C-011-5

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com