Electronic Components Datasheet Search |
|
R-50C-016-3 Datasheet(PDF) 4 Page - Keysight Technologies |
|
R-50C-016-3 Datasheet(HTML) 4 Page - Keysight Technologies |
4 / 14 page 04 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet P-Series Power Meter Specifications Meter uncertainty Instrumentation linearity ± 0.8 % Timebase Timebase range 2 ns to 100 msec/div Accuracy ±10 ppm Jitter ≤ 1 ns Zero Set Zero Set (CW) 0.0000175% Zero Set (Peak) 0.015% Trigger Internal trigger Range –20 to +20 dBm Resolution 0.1 dB Level accuracy ± 0.5 dB Latency1 160 ns ± 10 Jitter ≤ 5 ns rms External TTL trigger input High > 2.4 V Low < 0.7 V Latency2 30 ns ± 10 ns Impedance 50 Ω Jitter ≤ 5 ns rms Trigger delay Delay range ± 1.0 s, maximum Delay resolution 1 % of delay setting, 10 ns maximum Trigger hold-off Range 1 μs to 400 ms Resolution 1 % of selected value (to a minimum of 10 ns) Trigger level threshold hysteresis Range ± 3 dB Resolution 0.05 dB 1. Internal trigger latency is defined as the delay between the applied RF crossing the trigger level and the meter switching into the triggered state. 2. External trigger latency is defined as the delay between the applied trigger crossing the trigger level and the meter switching into the triggered state. 3. External trigger output latency is defined as the delay between the meter entering the triggered state and the output signal switching. |
Similar Part No. - R-50C-016-3 |
|
Similar Description - R-50C-016-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |