Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-50C-021-3 Datasheet(PDF) 3 Page - Keysight Technologies

Part # R-50C-021-3
Description  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-50C-021-3 Datasheet(HTML) 3 Page - Keysight Technologies

  R-50C-021-3 Datasheet HTML 1Page - Keysight Technologies R-50C-021-3 Datasheet HTML 2Page - Keysight Technologies R-50C-021-3 Datasheet HTML 3Page - Keysight Technologies R-50C-021-3 Datasheet HTML 4Page - Keysight Technologies R-50C-021-3 Datasheet HTML 5Page - Keysight Technologies R-50C-021-3 Datasheet HTML 6Page - Keysight Technologies R-50C-021-3 Datasheet HTML 7Page - Keysight Technologies R-50C-021-3 Datasheet HTML 8Page - Keysight Technologies R-50C-021-3 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
03 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
P-Series Power Meter and Sensor
Key System Specifications and Characteristics2
Maximum sampling rate
100 Msamples/sec, continuous sampling
Video bandwidth
≥ 30 MHz
Single-shot bandwidth
≥ 30 MHz
Rise time and fall time
≤ 13 ns (for frequencies ≥ 500 MHz)2, see Figure 1
Minimum pulse width
50 ns3
Overshoot
≤ 5 %2
Average power measurement
accuracy
N1921A: ≤ ± 0.2 dB or ± 4.5 %4
N1922A: ≤ ± 0.3 dB or ± 6.7 %
Dynamic range
–35 dBm to +20 dBm (> 500 MHz)
–30 dBm to +20 dBm (50 MHz to 500 MHz)
Maximum capture length
1 second
Maximum pulse repetition rate
10 MHz (based on 10 samples per period)
1. See Appendix A on page 9 for measurement uncertainty calculations.
2. Specification applies only when the Off video bandwidth is selected.
3. The Minimum Pulse Width is the recommended minimum pulse width viewable on the power meter, where power measurements are meaningful and
accurate, but not warranted.
4. Specification is valid over –15 to +20 dBm, and a frequency range 0.5 to 10 GHz, DUT Max. SWR < 1.27 for the N1921A, and a frequency range 0.5 to
40 GHz, DUT Max. SWR < 1.2 for the N1922A. Averaging set to 32, in Free Run mode.
Signal under test rise time (nS)
15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
35
30
25
20
15
10
5
0
Figure 1. Measured rise time percentage error versus signal under test rise time
Although the rise time specification is ≤ 13 ns, this does not mean that the P-Series meter and sensor combination can
accurately measure a signal with a known rise time of 13 ns. The measured rise time is the root sum of the squares (RSS)
of the signal under test rise time and the system rise time (13 ns):
Measured rise time = √ ((signal under test rise time)2 + (system rise time)2 ),
and the % error is:
% Error = ((measured rise time – signal under test rise time)/signal under test
rise time) x 100


Similar Part No. - R-50C-021-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R-50C-SC ETC2-R-50C-SC Datasheet
152Kb / 1P
   ICT 50C PROBE AND RECEPTACLE
More results

Similar Description - R-50C-021-3

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com