Part Number  Marking  Description
Selected language     English  â–¼


Z8530 Datasheet(PDF) 11 Page - Zilog, Inc.

Part No. Z8530
Description  The Zilog SCC Serial Communication Controller
Download  317 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

 11 page
background image
1-1
1
USER’S MANUAL
CHAPTER 1
GENERAL DESCRIPTION
1.1 INTRODUCTION
The Zilog SCC Serial Communication Controller is a dual
channel, multiprotocol data communication peripheral de-
signed for use with 8- and 16-bit microprocessors. The
SCC functions as a serial-to-parallel, parallel-to-serial con-
verter/controller. The SCC can be software-configured to
satisfy a wide variety of serial communications applica-
tions. The device contains a variety of new, sophisticated
internal functions including on-chip baud rate generators,
digital phase-lock loops, and crystal oscillators, which dra-
matically reduce the need for external logic.
The SCC handles asynchronous formats, synchronous
byte-oriented protocols such as IBM® Bisync, and syn-
chronous bit-oriented protocols such as HDLC and IBM
SDLC. This versatile device supports virtually any serial
data transfer application (telecommunication, LAN, etc.)
The device can generate and check CRC codes in any
synchronous mode and can be programmed to check data
integrity in various modes. The SCC also has facilities for
modem control in both channels. In applications where
these controls are not needed, the modem controls can be
used for general-purpose I/O.
With access to 14 Write registers and 7 Read registers per
channel (the number of the registers varies depending on
the version), the user can configure the SCC to handle all
synchronous formats regardless of data size, number of
stop bits, or parity requirements.
Within each operating mode, the SCC also allows for pro-
tocol variations by checking odd or even parity bits, char-
acter insertion or deletion, CRC generation, checking
break and abort generation and detection, and many other
protocol-dependent features.
The SCC/ESCC family consists of the following seven
devices;
As a convention, use the following words to distinguish the
devices throughout this document.
The Z-Bus version has a multiplexed bus interface and is
directly compatible with the Z8000, Z16C00 and 80x86
CPUs. The Universal version has a non-multiplexed bus
interface and easily interfaces with virtually any CPU, in-
cluding the 8080, Z80, 68X00.
Z-Bus®
Universal-Bus
NMOS
Z8030
Z8530
CMOS
Z80C30
Z85C30
ESCC
Z80230
Z85230
EMSCC
Z85233
SCC: Description applies to all versions.
NMOS: Description applies to NMOS version
(Z8030/Z8530)
CMOS: Description applies to CMOS version
(Z80C30/Z85C30)
ESCC: Description applies to ESCC
(Z80230/Z85230)
EMSCC: Description applies to EMSCC (Z85233)
Z80X30: Description applies to Z-Bus version of the
device (Z8030/Z80C30/Z80230)
Z85X3X: Description applies to Universal version of
the device (Z8530/Z85C30/Z85230/Z85233)
UM010901-0601




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PEB205252 Channel Serial Optimized Communication Controller for HDLC/PPP 1 2 3 4 5 MoreInfineon Technologies AG
PEB205322 Channel Serial Optimized Communication Controller 1 2 3 4 5 MoreInfineon Technologies AG
Z80C30CMOS SCC SERIAL COMMUNICATIONS CONTROLLER 1 2 3 4 5 MoreZilog, Inc.
PEB20534DMA Supported Serial Communication Controller with 4 Channels 1 2 3 4 5 MoreInfineon Technologies AG
PEB205422 Channel Serial Optimized Communication Controller with DMA 1 2 3 4 5 MoreInfineon Technologies AG
Z80230ESCCâ„¢ ENHANCED SERIAL COMMUNICATION CONTROLLER 1 2 3 4 5 MoreZilog, Inc.
PEB20534DMA Supported Serial Communication Controller with 4 Channels DSCC4 1 2 3 4 5 MoreSiemens Semiconductor Group
Z85233EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER 1 2 3 4 5 MoreZilog, Inc.
82530SERIAL COMMUNICATIONS CONTROLLER SCC 1 2 3 4 5 MoreIntel Corporation
MM908E625Integrated Quad Half H-Bridge with Power Supply Embedded MCU and LIN Serial Communication 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl