Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ8.5A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMDJ8.5A
Description  3000W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMDJ8.5A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMDJ8.5A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMDJ8.5A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMDJ8.5A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMDJ8.5A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMDJ SERIES
5V ~ 190V
3000W Peak Power Surface Mount TVS
Elektronische Bauelemente
24-Jan-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
Constructed with Glass Passivated Die
3000W peak pulse power dissipation
Excellent clamping capability
Uni and Bidirectional unit
Very fast response time.
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case: DO-214AB(SMC)
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead free plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.231 grams (approximate)
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SMC
3K
13’ inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25 C ambient temperature unless otherwise specified.Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Ratings
Symbol
Value
Units
Peak Power Dissipation with a 10 / 1000 us waveform
PPP
3000 (Min.)
W
Power dissipation on infinite heatsink @ TL = 75˚C
PD
6
W
Peak Forward Surge Current, @ 8.3ms single Half Sine-Wave
unidirectional only
1
IFSM
300
A
Maximum Instantaneous Forward voltage at 100A
for unidirectional only
2
VF
3.5
V
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ 150
˚C
Notes:
1.
Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
2.
VF<3.5V for devices of
VBR<200V and VF<5.0V for devices of
VBR>201V.
SMC
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.75
3.15
E
-
.203
B
6.6
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31
A
B
E
G
D
F
C
H


Similar Part No. - SMDJ8.5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ8.5A ETC1-SMDJ8.5A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ8.5A LITTELFUSE-SMDJ8.5A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
SUNMATE electronic Co.,...
SMDJ8.5A SUNMATE-SMDJ8.5A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Guangdong Juxing Electr...
SMDJ8.5A JUXING-SMDJ8.5A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
MDE Semiconductor, Inc.
SMDJ8.5A MDE-SMDJ8.5A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ8.5A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com