Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB5950B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB5950B
Description  1.5 Watts Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB5950B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMB5950B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB5950B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB5950B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMB59xxB Series
VOLTAGE 6.2 V ~ 200 V
1.5 Watts Surface Mount Zener Diode
Elektronische Bauelemente
20-Oct-2010 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
PART NUMBER
Nominal Zener
Voltage
Max. Zener Impedance
Max.
Reverse
Leakage Current
Max.
DC Zener
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Nom.V
mA
mA
mA
uA
V
mA
SMB5920B
6.2
60.5
2.0
60.5
200
1.00
5.0
4.0
120
SMB5921B
6.8
55.1
2.5
55.1
200
1.00
5.0
5.2
220
SMB5922B
7.5
50.0
3.0
50.0
400
0.50
5.0
6.0
200
SMB5923B
8.2
45.7
3.5
45.7
400
0.50
5.0
6.5
182
SMB5924B
9.1
41.2
4.0
41.2
500
0.50
5.0
7.0
164
SMB5925B
10.0
37.5
4.5
37.5
500
0.25
5.0
8.0
150
SMB5926B
11.0
34.1
5.5
34.1
550
0.25
5.0
8.4
136
SMB5927B
12.0
31.2
6.5
31.2
550
0.25
1.0
9.1
125
SMB5928B
13.0
28.8
7.0
28.8
550
0.25
1.0
9.9
115
SMB5929B
15.0
25.0
9.0
25.0
600
0.25
1.0
11.4
100
SMB5930B
16.0
23.4
10
23.4
600
0.25
1.0
12.2
93
SMB5931B
18.0
20.8
12
20.8
650
0.25
1.0
13.7
83
SMB5932B
20.0
18.7
14
18.7
650
0.25
1.0
15.2
75
SMB5933B
22.0
17.0
18
17.0
650
0.25
1.0
16.7
68
SMB5934B
24.0
15.6
19
15.6
700
0.25
1.0
18.2
62
SMB5935B
27.0
13.9
23
13.9
700
0.25
1.0
20.6
55
SMB5936B
30.0
12.5
26
12.5
750
0.25
1.0
22.8
50
SMB5937B
33.0
11.4
33
11.4
800
0.25
1.0
25.1
45
SMB5938B
36.0
10.4
38
10.4
850
0.25
1.0
27.4
41
SMB5939B
39.0
9.6
45
9.6
900
0.25
1.0
29.7
38
SMB5940B
43.0
8.7
53
8.7
950
0.25
1.0
32.7
34
SMB5941B
47.0
8.0
67
8.0
1000
0.25
1.0
35.8
31
SMB5942B
51.0
7.3
70
7.3
1100
0.25
1.0
38.8
29
SMB5943B
56.0
6.7
86
6.7
1300
0.25
1.0
42.6
26
SMB5944B
62.0
6.0
100
6.0
1500
0.25
1.0
47.1
24
SMB5945B
68.0
5.5
120
5.5
1700
0.25
1.0
51.7
22
SMB5946B
75.0
5.0
140
5.0
2000
0.25
1.0
56.0
20
SMB5947B
82.0
4.6
160
4.6
2500
0.25
1.0
62.2
18
SMB5948B
91.0
4.1
200
4.1
3000
0.25
1.0
69.2
16
SMB5949B
100.0
3.7
250
3.7
3100
0.25
1.0
76.0
15
SMB5950B
110.0
3.4
300
3.4
4000
0.25
1.0
83.6
6.5
SMB5951B
120.0
3.1
380
3.1
4500
0.25
1.0
91.2
6.0
SMB5952B
130.0
2.9
450
2.9
5000
0.25
1.0
98.8
5.5
SMB5953B
150.0
2.5
600
2.5
6000
0.25
1.0
114.0
5.0
SMB5954B
160.0
2.3
700
2.3
6500
0.25
1.0
121.6
4.5
SMB5955B
180.0
2.1
900
2.1
7000
0.25
1.0
136.8
4.0
SMB5956B
200.0
1.9
1900
1.9
9990
0.25
1.0
152.0
3.5
NOTES:
1. The type number listed have a standard tolerance on the nominal zener voltage of ±5%.
2. The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method.


Similar Part No. - SMB5950B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB5950B SECOS-SMB5950B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Dc Components
SMB5950B DCCOM-SMB5950B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
logo
Anova Technologies CO.,...
SMB5950B ANOVA-SMB5950B Datasheet
307Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SMB5950B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMA5921 SECOS-SMA5921 Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB5920B SECOS-SMB5920B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com