Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSA55H12J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSA55H12J
Description  N-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSA55H12J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSA55H12J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSA55H12J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSA55H12J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SSA55H12J
120A, 55V, RDS(ON) 5.5 m
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
28-Jun-2016 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TO-220J-A
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
SSA55H12J uses advanced trench technology and design
to provide excellent RDS(on) with low gate charge. This device is
suitable for the use in a wide variety of applications.
FEATURES
High density cell design for ultra low RDS(on)
Fully characterized avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special processing technology for high ESD capability
APPLICATION
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
55
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
120
A
Pulsed Drain Current
IDM
420
A
Single Pulsed Avalanche Energy
1
EAS
1100
mJ
Thermal Resistance from Junction to Ambient
RθJA
62.5
°C/ W
Maximum Lead Temperature for Soldering Purposes@ 1/8’’
from Case for 5 seconds
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
1
Gate
3
Source
2
Drain
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
9.91
10.25
I
4.98
5.18
B
3.4
3.8
J
2.85
3.25
C
2.65
2.95
K
4.4
4.6
D
12.65
12.95
L
1.2
1.4
E
1.17
1.37
M
8.95
9.75
F
0.71
0.91
N
2.25
2.55
G
12.9
13.4
Q
0.33
0.65
H
2.540 TYP.


Similar Part No. - SSA55H12J

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SSA500AA SANREX-SSA500AA Datasheet
215Kb / 2P
   THYRISTOR MODULE
SSA500AA160 SANREX-SSA500AA160 Datasheet
215Kb / 2P
   THYRISTOR MODULE
SSA500AA80 SANREX-SSA500AA80 Datasheet
215Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - SSA55H12J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD25N10 SECOS-SSD25N10_15 Datasheet
417Kb / 4P
   N-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
SSG9435J-C SECOS-SSG9435J-C Datasheet
356Kb / 4P
   P-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
SSF1320N SECOS-SSF1320N_15 Datasheet
399Kb / 4P
   N-Channel Enhancement Elektronische Bauelemente Mode MOSFET
SID9575 SECOS-SID9575_15 Datasheet
1Mb / 4P
   P-Channel Enhancement Elektronische Bauelemente Mode Power MOSFET
SMS2321 SECOS-SMS2321 Datasheet
223Kb / 3P
   P-Channel Elektronische Bauelemente Enhancement MOSFET
SMG2307PE SECOS-SMG2307PE_15 Datasheet
473Kb / 4P
   P-Channel Elektronische Bauelemente Enhancement MOSFET
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
   Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
   Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
   Elektronische Bauelemente
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com