Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1W6V2 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MM1W6V2
Description  1W Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MM1W6V2 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MM1W6V2 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MM1W6V2 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MM1W6V2 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-123FL
RECOMMENDED SOLDERING FOOTPRINT
Packing information
UNIT
A
B
C
D
E
F
G
HE
mm
1.08
0.88
0.1
0
0.2
0.1
2.9
2.6
1.9
1.7
1.1
0.8
0.9
0.7
3.9
3.5
Package
Tape Width
(mm)
Pitch
Reel Size
Per Reel Packing Quantity
mm
inch
mm
inch
SOD-123FL
8
4 ± 0.1
0.157 ± 0.004
178
7
3,000
G
D
HE
G
1.5
MM1W3V3~MM1W200
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
MM1W3V3~MM1W200
Alldatasheet


Similar Part No. - MM1W6V2

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MM1W6V2 CHENDA-MM1W6V2 Datasheet
1Mb / 2P
   ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
MM1W6V2 YFWDIODE-MM1W6V2 Datasheet
395Kb / 3P
   Silicon Planar Zener Diodes
logo
Xian Semipower Electron...
MM1W6V2 SEMIPOWER-MM1W6V2 Datasheet
115Kb / 3P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1W6V2 YFWDIODE-MM1W6V2 Datasheet
385Kb / 3P
   Silicon Planar Zener Diodes
logo
SHIKUES Electronics
MM1W6V2 SKTECHNOLGY-MM1W6V2 Datasheet
336Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1W6V2

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com