Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ78A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMDJ78A
Description  3000W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMDJ78A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMDJ78A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMDJ78A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMDJ78A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMDJ78A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMDJ SERIES
5V ~ 190V
3000W Peak Power Surface Mount TVS
Elektronische Bauelemente
24-Jan-2011 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Part
Number
(see note 1)
Reverse
Standoff
Voltage
VRRM
Breakdown
Voltage
Test
Current
Max
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
IPP
Reverse
Leakage
@VRRM
IR
Min
VBR @IT
Max
VBR @ IT
Uni
-direction
Bi
-direction
V
V
V
mA
V
A
μA
SMDJ51A
SMDJ51CA
51
56.7
62.7
1
82.4
36.4
5
SMDJ54A
SMDJ54CA
54
60.0
66.3
1
87.1
34.4
5
SMDJ58A
SMDJ58CA
58
64.4
71.2
1
93.6
32.1
5
SMDJ60A
SMDJ60CA
60
66.7
73.7
1
96.8
31.0
5
SMDJ64A
SMDJ64CA
64
71.1
78.6
1
103
29.1
5
SMDJ70A
SMDJ70CA
70
77.8
86.0
1
113
26.5
5
SMDJ75A
SMDJ75CA
75
83.3
92.1
1
121
24.8
5
SMDJ78A
SMDJ78CA
78
86.7
95.8
1
126
23.8
5
SMDJ80A
SMDJ80CA
80
88.8
97.6
1
130
23.1
5
SMDJ85A
SMDJ85CA
85
94.4
104
1
137
21.9
5
SMDJ90A
SMDJ90CA
90
100
111
1
146
20.5
5
SMDJ100A
SMDJ100CA
100
111
123
1
162
18.5
5
SMDJ110A
SMDJ110CA
110
122
135
1
177
16.9
5
SMDJ120A
SMDJ120CA
120
133
147
1
193
15.5
5
SMDJ130A
SMDJ130CA
130
144
159
1
209
14.4
5
SMDJ140A
SMDJ140CA
140
155
171
1
227
13.2
5
SMDJ150A
SMDJ150CA
150
167
185
1
243
12.3
5
SMDJ160A
SMDJ160CA
160
178
197
1
259
11.6
5
SMDJ170A
SMDJ170CA
170
189
209
1
275
10.9
5
SMDJ180A
SMDJ180CA
180
200
220
1
292
10.3
5
SMDJ190A
SMDJ190CA
190
211
232
1
308
9.75
5
Notes:
1.
Suffix ’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.
Add suffix ‘CA’ after part number to specify Bi-directional devices.
3.
For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.


Similar Part No. - SMDJ78A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ78A ETC1-SMDJ78A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
SAMYANG ELECTRONICS CO....
SMDJ78A SAMYANG-SMDJ78A Datasheet
2Mb / 6P
   Transient Voltage Suppressor Diodes
logo
SUNMATE electronic Co.,...
SMDJ78A SUNMATE-SMDJ78A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Yint Electroni...
SMDJ78A YINT-SMDJ78A Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
SMDJ78A MDE-SMDJ78A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ78A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com