Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9418WP24I-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9418WP24I-2.7
Description  Dual Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9418WP24I-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9418WP24I-2.7 Datasheet HTML 1Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9418WP24I-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
X9418
Characteristics subject to change without notice.
5 of 21
REV 1.1.5 7/23/02
www.xicor.com
Figure 3. Two-Byte Instruction Sequence
S
T
A
R
T
0101
A3
A2
A1
A0
A
C
K
I3
I2
I1
I0
R1
R0
0
P0
A
C
K
SCL
SDA
S
T
O
P
The Increment/Decrement command is different from
the other commands. Once the command is issued and
the X9418 has responded with an acknowledge, the
master can clock the selected wiper up and/or down in
one segment steps; thereby, providing a fine tuning
capability to the host. For each SCL clock pulse (tHIGH)
while SDA is HIGH, the selected wiper will move one
resistor segment towards the VH/RH terminal. Similarly,
for each SCL clock pulse while SDA is LOW, the
selected wiper will move one resistor segment towards
the VL/RL terminal. A detailed illustration of the
sequence and timing for this operation are shown in
Figures 5 and 6 respectively.
Table 1. Instruction Set
Note:
(7) 1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0 R1 R0
P1
P0
Read Wiper Counter
Register
1
0
0
1
0
0
0
1/0
Read the contents of the Wiper Counter Register
pointed to by P0
Write Wiper Counter
Register
1
0
1
0
0
0
0
1/0
Write new value to the Wiper Counter Register
pointed to by P0
Read Data Register
1
0
1
1
1/0
1/0
0
1/0
Read the contents of the Data Register pointed to
by P0 and R1–R0
Write Data Register
1
1
0
0
1/0
1/0
0
1/0
Write new value to the Data Register pointed to by
P0 and R1–R0
XFR Data Register to
Wiper Counter Register
1
1
0
1
1/0
1/0
0
1/0
Transfer the contents of the Data Register pointed
to by P0 and R1–R0 to its associated Wiper Counter
Register
XFR Wiper Counter
Register to Data Register
1
1
1
0
1/0
1/0
0
1/0
Transfer the contents of the Wiper Counter Register
pointed to by P0 to the Data Register pointed to by
R1–R0
Global XFR Data
Registers to Wiper
Counter Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers pointed
to by R1–R0 of both pots to their respective Wiper
Counter Registers
Global XFR Wiper
Counter Registers to
Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers pointed
to by R1–R0 of both pots
Increment/Decrement
Wiper Counter Register
0
0
1
0
0
0
0
1/0
Enable Increment/decrement of the Wiper Counter
Register pointed to by P0


Similar Part No. - X9418WP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9418WP24I-2.7 INTERSIL-X9418WP24I-2.7 Datasheet
362Kb / 21P
   Dual Digitally Controlled Potentiometers
X9418WP24I-2.7 INTERSIL-X9418WP24I-2.7 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9418WP24I-2.7 RENESAS-X9418WP24I-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/2-Wire Bus Dual Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9418WP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com