Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81302Q37AGD-333 Datasheet(PDF) 10 Page - GSI Technology

Part # GS81302Q37AGD-333
Description  144Mb SigmaQuad-IITM Burst of 2 SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q37AGD-333 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS81302Q37AGD-333 Datasheet HTML 6Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 7Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 8Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 9Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 10Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 11Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 12Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 13Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Thermal Impedance
Package
Test PCB
Substrate
JA (C°/W)
Airflow = 0 m/s
 JA (C°/W)
Airflow = 1 m/s
 JA (C°/W)
Airflow = 2 m/s
JB (C°/W)
 JC (C°/W)
165 BGA
4-layer
TBD
TBD
TBD
TBD
TBD
Notes:
1. Thermal Impedance data is based on a number of of samples from mulitple lots and should be viewed as a typical number.
2. Please refer to JEDEC standard JESD51-6.
3. The characteristics of the test fixture PCB influence reported thermal characteristics of the device. Be advised that a good thermal path to
the PCB can result in cooling or heating of the RAM depending on PCB temperature.
HSTL I/O DC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
Input Reference Voltage
VREF
VDDQ /2 – 0.05
VDDQ /2 + 0.05
V
Input High Voltage
VIH1
VREF + 0.1
VDDQ + 0.3
V
1
Input Low Voltage
VIL1
–0.3
VREF – 0.1
V
1
Input High Voltage
VIH2
0.7 * VDDQ
VDDQ + 0.3
V
2,3
Input Low Voltage
VIL2
–0.3
0.3 * VDDQ
V
2,3
Notes:
1. Parameters apply to K, K, SA, D, R, W, BW during normal operation and JTAG boundary scan testing.
2. Parameters apply to Doff, ODT during normal operation and JTAG boundary scan testing.
3. Parameters apply to ZQ during JTAG boundary scan testing only.
Preliminary
GS81302Q19/37AGD-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00a 5/2017
10/24
© 2017, GSI Technology
HSTL I/O AC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
Input Reference Voltage
VREF
VDDQ /2 – 0.08
VDDQ /2 + 0.08
V
Input High Voltage
VIH1
VREF + 0.2
VDDQ + 0.5
V
1,2,3
Input Low Voltage
VIL1
–0.5
VREF – 0.2
V
1,2,3
Input High Voltage
VIH2
VDDQ – 0.2
VDDQ + 0.5
V
4,5
Input Low Voltage
VIL2
–0.5
0.2
V
4,5
Notes:
1. VIH(MAX) and VIL(MIN) apply for pulse widths less than one-quarter of the cycle time.
2. Input rise and fall times must be a minimum of 1 V/ns, and within 10% of each other.
3. Parameters apply to K, K, SA, D, R, W, BW during normal operation and JTAG boundary scan testing.
4. Parameters apply to Doff, ODT during normal operation and JTAG boundary scan testing.
5. Parameters apply to ZQ during JTAG boundary scan testing only.


Similar Part No. - GS81302Q37AGD-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302Q37AGD-375 GSI-GS81302Q37AGD-375 Datasheet
428Kb / 24P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37AGD-375I GSI-GS81302Q37AGD-375I Datasheet
428Kb / 24P
   JEDEC-standard pinout and package
More results

Similar Description - GS81302Q37AGD-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302Q07E-300 GSI-GS81302Q07E-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37GE-300I GSI-GS81302Q37GE-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT19GE-250 GSI-GS81302QT19GE-250 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q10E-300I GSI-GS81302Q10E-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT07E-250 GSI-GS81302QT07E-250 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q19GE-300 GSI-GS81302Q19GE-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37E-250I GSI-GS81302Q37E-250I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT37AGD-333I GSI-GS81302QT37AGD-333I Datasheet
432Kb / 25P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q07E-200I GSI-GS81302Q07E-200I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT10GE-300I GSI-GS81302QT10GE-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com