Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1701090150 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1701090150
Description  Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1701090150 Datasheet(HTML) 1 Page - AAEON Technology

  1701090150 Datasheet HTML 1Page - AAEON Technology 1701090150 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03
03-1
03-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Features
Specifications
Packing List
Product DVD
GENE-KBU6 with Heatspreader
GENE-KBU6
3.5” SubCompact Board with Intel® 7th Generation U Core™ i7/i5/i3/Celeron® Processor SoC
SATA 3
Intel® 7th Generation U Core™ i7/i5/i3/Celeron® Processor SoC
DDR4 1866/2133, SODIMM x 1
DVI, CRT/DP, 18/24-bit Dual-Channel LVDS
2 CH Audio
SATA III x 1 & mSATA (share with half-size Mini-Card and selective
by BIOS)
Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
COM x 4 (RS-232 x 1, RS-232/422/485 x 3)
Mini-Card Slot x 1 (Full size), TPM (Optional), SIM
Wide DC Support 9~36V, +12V Only (Optional)
4/5/8-wire Resistive Touch Screen Controller
BIO Connector for Daughter Board
Solder Design for System Assembly and Thermal
System
Form Factor
3.5'' SubCompact Board
CPU
Intel® 7th Generation U Core™ i7-7600U SoC Processor
CPU Frequency
Up to 3.9GHz
Chipset
Intel® 7th Generation U SoC Processor
Memory Type
DDR4 1866/2133, SODIMM x 1
Max. Memory Capacity
Up to 16GB
BIOS
UEFI
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+9 ~ 36V or +12V
Power Supply Type
AT/ ATX
Power Consumption
(Typical)
Dimension (L x W)
5.75" x 4" (146mm x 101.7mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 81°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
Certification
CE/FCC
Display
VGA/LCD Controller
Intel® 7th Generation SoC Processor
Video Output
DVI-I, CRT/DP, LVDS (CRT is shared wih DP, and default is DP)
Backlight inverter supply
Yes
I/O
Ethernet
Intel i210/i211, 10/100/1000Base-TX, RJ 45 x 2 (Support EtherCAT)
Audio
High Definition Audio Interface
USB Port
USB 3.0 x 4, USB 2.0 x 2
Serial Port
RS-232 x 1, RS-232/422/485 x 3
Parallel Port
HDD Interface
SATA 3.0 x 1, +5V SATA power connector x 1
FDD Interface
SSD
mSATA (share with half-size miniCard and selective by BIOS)
Expansion Slot
1. BIO x 1
2. Mini Card x 2 and default is
2.1. mSATA x 1 (half-size)
2.2. miniCard x 1(Full-size)
DIO
8 Bit
SIM
x 1
TPM
x 1
Touch
x 1
OS
OS Support
Win 10 (64bit), Win 8.1(64bit), Win 7 (32/64bit), WEC 2013 (32bit), Fedora (64b),
Ubuntu/SuSe/Red Hat Enterprice (64b), For Skylake Win 7/8.1 support will EOL
on July 17, 2017.
USB3.0 x 4
LAN
DP
DVI
DDR4 RAM x 1
COM x 4
LVDS
SATA
SIM
Mini-Card
Optional Accessories
Part Number
Description
QTY
1700050207
(TF)USB CABLE.1*5P Pitch=1.25mm Housinh.20cm.for PFM-945C
2
1701090150
(TF)Flat Cable.D-Sub 9(M).9P Housing.9P 1.25mm pitch Housing.15cm
4
1709100254
(TF)PHONE JACK Cable.3P AUDIO JACK.1*10P 1.25mm HOUSING(F).25cm
1
1702150155
(TF)Power Cable.15P SATA(F).2P 2.0mm Housing(PH).15cm
1
170220020B
(TF)Power Cable.20P ATX(M).4P 5.08mm Housing(F).+3P 2.5mm
Housing(XH).20cm
1
1702002010
(TF)Power CABLE.1*2P Pitch=5.0mm Housing.10cm.for PFM-945C.(12V only) 1
GENE-KBU6-FAN01 CPU Cooler, 3P, .5000RPM, A1.0, REV. A1.0
1
GENE-KBU6-HSK01 Al, Heatsink, 146 x 80 x 14mm, Silver, REV. A1.0
1
CPU Support Chart
CPU
Base Frequency/
Turbo Boost GHz
Core/
Thread
Last Level
Cache
TDP
Graphic
i7-7600U
2.8/3.9
2/4
4M
15W
GT2 - 620
i5-7300U
2.6/3.5
2/4
3M
15W
GT2 - 620
i3-7100U
2.4
2/4
3M
15W
GT2 - 620
C-3965U
2.2
2/2
2M
15W
GT1 - 610


Similar Part No. - 1701090150

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1701090150 AAEON-1701090150 Datasheet
349Kb / 2P
   gigabit ethernet
1701090150 AAEON-1701090150 Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1701090150 AAEON-1701090150 Datasheet
342Kb / 2P
   lvds 24-bit dual channel
1701090150 AAEON-1701090150 Datasheet
380Kb / 2P
   USB2.0 x 3, USB OTG x 1, Mini-PCIe x 1 (for 3G/4G Module)
1701090150 AAEON-1701090150 Datasheet
279Kb / 2P
   gigabit ethernet
More results

Similar Description - 1701090150

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360-010C-2X3 TRIPPLITE-U360-010C-2X3 Datasheet
165Kb / 3P
   10-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 8 USB 2.0 Ports
logo
Advantech Co., Ltd.
MIOE-230 ADVANTECH-MIOE-230_13 Datasheet
192Kb / 1P
   48-bit LVDS or DisplayPort1, 2 x USB 2.0
logo
Tripp Lite. All Rights ...
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
   7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
logo
Advantech Co., Ltd.
ESRP-CSS-UNO137 ADVANTECH-ESRP-CSS-UNO137 Datasheet
670Kb / 2P
   Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2, 1 x mPCIe, and TPM 2.0
15-Apr-2022
logo
Vecow Co., Ltd.
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
   2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
logo
Advantech Co., Ltd.
UNO-137 ADVANTECH-UNO-137 Datasheet
671Kb / 2P
   Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2 B key, 1 x mPCIe, and TPM 2.0
13-Jun-2022
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
logo
National Instruments Co...
780055-01 NI-780055-01 Datasheet
3Mb / 32P
   DAQ DEVICE MULTIFUNC I/O USB 2.0
2022.10.07
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Holtek Semiconductor In...
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com