Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1702150155 Datasheet(PDF) 2 Page - AAEON Technology

Part # 1702150155
Description  CRT, 18-bit Single Channel LVDS LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1702150155 Datasheet(HTML) 2 Page - AAEON Technology

  1702150155 Datasheet HTML 1Page - AAEON Technology 1702150155 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Dimension
Unit: mm
04-8
www.aaeon.com
Note: All specifications are subject to change without notice.
PFM-CVS Rev. B
Part Number
CPU
RAM
Fan/
Fanless
Storage
Display
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
PFM-CVS-B10
Intel® Atom™ N2600
SODIMM
Fanless
SATA x 1,
mSATA x 1 (Full size)
CRT +
LVDS
18b, 1CH
GbE x 1
4
3
1
PC/104+
+12V, AT/ATX
0°C ~ 60°C
PFM-CVSW2-B10
Intel® Atom™ N2600
SODIMM
Fanless
SATA x 1
mSATA x 1 (Full Size)
CRT +
LVDS
18b, 1CH
GbE x 1
4
3
1
PC/104+
+12V, AT/ATX
WiTAS 2 (-40°C ~ 85°C)
Ordering Information
Intel®
PCH/NM10
Intel® Processor
ATOM
N2600
DDR3 SO-DIMM
Channel A
18bit LVDS
VGA
RGB
LVDS
Fintek
Super I/O
F81866D
BIOS
SATA ll
USB 2.0 * 4
PC/104
PCI to ISA Bridge
Intel®
GbE Ethernet
WG82583V
RJ-45
Mini Card/ mSATA
SPI
USB
SATA
PCIe
PCIe/ SATA/ USB
PCI-104
PCI
PCI
ISA
KB/MS
RS232*3
RS232/422/485*1
HW
Monitor
DIO
8bit
Audio
Connector
Realtek
Audio Codec
ALC892
HD Audio


Similar Part No. - 1702150155

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1702150155 AAEON-1702150155 Datasheet
274Kb / 2P
   gigabit ethernet
1702150155 AAEON-1702150155 Datasheet
466Kb / 2P
   HDMI Up to 3840 x 2160 (4K) Resolution
1702150155 AAEON-1702150155 Datasheet
279Kb / 2P
   gigabit ethernet
1702150155 AAEON-1702150155 Datasheet
259Kb / 2P
   204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
1702150155 AAEON-1702150155 Datasheet
294Kb / 2P
   dc 12v atx mode
More results

Similar Description - 1702150155

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-CVS-A AAEON-PFM-CVS-A Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
GENE-LN05REV.B AAEON-GENE-LN05REV.B Datasheet
289Kb / 2P
   CRT, 18/24-bit Single Channel LVDS LCD
GENE-5315REV.B AAEON-GENE-5315REV.B Datasheet
295Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-5315-A AAEON-GENE-5315-A Datasheet
294Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-5315-B AAEON-GENE-5315-B Datasheet
295Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
logo
List of Unclassifed Man...
IB884T ETC2-IB884T Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
LT133X1-104 ETC-LT133X1-104 Datasheet
37Kb / 1P
   1818 Dual channel 5V LVDS
MI945 ETC2-MI945 Datasheet
528Kb / 1P
   Integrated VGA for CRT & LVDS
IB930 ETC2-IB930 Datasheet
1Mb / 2P
   Supports dual display (CRT / LVDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com