Electronic Components Datasheet Search |
|
1200069 Datasheet(PDF) 4 Page - SICK AG |
|
1200069 Datasheet(HTML) 4 Page - SICK AG |
4 / 9 page A B C D E F H I J K L M N O P Q R S T M40S-034013AA0, M40E-034013RB0 | M4000 Advanced MULTIPLE LIGHT BEAM SAFETY DEVICES Housing material Aluminum alloy ALMGSI 0.5 Surface treatment Powder coated Front screen material Polycarbonate, scratch-resistant coating Ambient data Enclosure rating IP65 (EN 60529) Ambient operating temperature –30 °C ... +55 °C Storage temperature –30 °C ... +70 °C Air humidity 15 % ... 95 %, Non-condensing Vibration resistance 5 g, 10 Hz ... 55 Hz (IEC 60068-2-6) Shock resistance 10 g, 16 ms (IEC 60068-2-29) Other information Wave length 950 nm Integrated laser alignment aid ✔ Laser class 2 (IEC 60825-1), do not stare into beam! Light source LED Type of light Visible red light Wave length 630 nm ... 680 nm Power consumption ≤ 1 mW Classifications ECl@ss 5.0 27272703 ECl@ss 5.1.4 27272703 ECl@ss 6.0 27272703 ECl@ss 6.2 27272703 ECl@ss 7.0 27272703 ECl@ss 8.0 27272703 ECl@ss 8.1 27272703 ECl@ss 9.0 27272703 ETIM 5.0 EC001832 ETIM 6.0 EC001832 UNSPSC 16.0901 46171620 4 OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK Online data sheet | 2017-08-24 18:11:25 Subject to change without notice |
Similar Part No. - 1200069 |
|
Similar Description - 1200069 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |