Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB108S-A Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # AB108S-A
Description  Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

AB108S-A Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  AB108S-A Datasheet HTML 1Page - Chip Integration Technology Corporation AB108S-A Datasheet HTML 2Page - Chip Integration Technology Corporation AB108S-A Datasheet HTML 3Page - Chip Integration Technology Corporation AB108S-A Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
■ ABS foot print
Dimensions in inches and (millimeters)
B
0.059 (1.50)
A
0.035 (0.90)
C
0.125 (3.20)
B
D
C
E
D
0.225 (5.72)
A
E
0.161 (4.10)
■ Ordering/Packing information
Part number
Case
AB102S-A
Q'TY/Reel (PCS) Q'TY/Box (PCS)
Q'TY/Carton (PCS)
ABS
4,000
8,000
40,000
Notes: 1. For packaging details please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Notes:
AB102SG-A
Halogen
Halogen free
■ Marking Information
Marking Code
Part number
AB102S-A
Halogen
ABS2
AB104S-A
ABS4
AB106S-A
ABS6
AB108S-A
ABS8
AB110S-A
ABS10
AB102SG-A
Halogen free
ABS2H
AB104SG-A
ABS4H
AB106SG-A
ABS6H
AB108SG-A
ABS8H
AB110SG-A
ABS10H
Marking code
-
+
AB102S-A THRU AB110S-A
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
Document ID : DS-22B42
Revised Date : 2017/06/23
Revision : C2


Similar Part No. - AB108S-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
AB108S CITC-AB108S Datasheet
94Kb / 3P
   1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results

Similar Description - AB108S-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB2S ETC2-MB2S Datasheet
192Kb / 2P
   Single Phase 0.8AMP. Glass Passivated Bridge Rectifiers
logo
DIYI Electronic Technol...
ABS2 DYELEC-ABS2 Datasheet
1Mb / 2P
   SINGLE PHASE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 0.8AMP
MB05M DYELEC-MB05M Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF2 DYELEC-ABF2 Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2 Datasheet
1Mb / 2P
   Single Phase 0.8Amp Surface Mount Glass Passivated Bridge Rectifier
logo
DIYI Electronic Technol...
MB05S DYELEC-MB05S Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05F DYELEC-MB05F Datasheet
747Kb / 2P
   SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
ABS2 SMCDIODE-ABS2 Datasheet
325Kb / 5P
   SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
Pan Jit International I...
MB4F-08 PANJIT-MB4F-08 Datasheet
210Kb / 5P
   SINGE PHASE 0.8AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
B1S SECOS-B1S Datasheet
137Kb / 2P
   0.8AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com