Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS24 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # ABS24
Description  Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

ABS24 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  ABS24 Datasheet HTML 1Page - Chip Integration Technology Corporation ABS24 Datasheet HTML 2Page - Chip Integration Technology Corporation ABS24 Datasheet HTML 3Page - Chip Integration Technology Corporation ABS24 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■ Rating and characteristic curves
ABS22 THRU ABS210
Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers
60
2 4
2 0
6
1 2
8
4
0.01
0.1
1.0
10
FIG.2 YPICAL FORW ARD CHARACTERISTICS
PULSE W IDTH:300us
2% DUTY CYCLE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
50
100
150
0.00
0.
0.
.
1.
.
.
FIG.1 FORW ARD CURRENT DERATING CURVE
SINGLE PHASE HALF W AVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
NUMBER OF CYCLES AT 60Hz
MXIMUM NON-REPETITIVE
SURGE CURRENT
0
10
20
30
40
50
1
2
5
10
20
50
100
SINGLE HALF-SINE-W AVE
(JEDEC METHOD)
FIG.3
T =25
A
AMBIENT TEMPERATURE (oC)
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
к
f =125
к
f =75
к
f =25
u
u
u
Document ID : DS-22B46
Revised Date : 2016/08/16
Revision : C1


Similar Part No. - ABS24

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ABS24 JUXING-ABS24 Datasheet
4Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
ABS24 ZSELEC-ABS24 Datasheet
164Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
ABS24 CHENDA-ABS24 Datasheet
457Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shunye Enterprise
ABS24 SHUNYE-ABS24 Datasheet
364Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
ABS24 HY-ABS24 Datasheet
409Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - ABS24

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ABS202 BWTECH-ABS202 Datasheet
344Kb / 4P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
DIYI Electronic Technol...
RDB201 DYELEC-RDB201_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201 DYELEC-UDB201 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB201 DYELEC-EDB201 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB201 DYELEC-DB201 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB201S DYELEC-EDB201S Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB201 DYELEC-DB201_16 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB201S DYELEC-RDB201S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201 DYELEC-UDB201_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB201S DYELEC-UDB201S_17 Datasheet
3Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com