Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT43WS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # BAT43WS
Description  200mA Surface Mount Small Signal Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAT43WS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  BAT43WS Datasheet HTML 1Page - Chip Integration Technology Corporation BAT43WS Datasheet HTML 2Page - Chip Integration Technology Corporation BAT43WS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Extremely small surface mount type.
Low forward voltage drop.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
Low current rectification and high speed switching.
Suffix "G" indicates Halogen-free part, ex.BAT42WSG.
200mA Surface Mount Small Signal Diodes
SOD-323
Marking code
0.03 9 (1 .00 )M ax.
0.07 1 (1 .80 )
0.06 3 (1 .60 )
0.10 6 (2 .70 )
0.09 8 (2 .50 )
• Case : Molded plastic, SOD-323
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.0002 ounce, 0.005 gram
• Epoxy:UL94-V0 rated flame retardant
BAT42WS / BAT43WS
Conditions
Symbol
Peak Repetitive Reverse Voltage
Marking code
V
R
30
V
F
T
STG
V
(BR)R
Operating Temperature
OC
OC
UNIT
V
OC/W
RMS Reverse Voltaget
I
FAV
Total Device Dissipation
Non-repetitive Peak Forward Surge Current
P
D
Reverse Breakdown Voltage
V
uA
Forward Voltage
Reverse Current
I
R
V
I
FSM
R
θJA
A
mA
V
BAT42WS
S7
Thermal Resistance Junction To Ambient
mW
Reverse Recover time
Junction Capacitance
trr
C
T
pF
ns
BAT43WS
S8
Working Peak Reverse Voltage
DC Blocking Voltage
Average Rectified Output Current
Storage Temperature
V
RWM
V
RRM
V
R(RMS)
T
J
Parameter
@ t < 1.0s
junction to ambientrse
I = 200mA
F
I = 10mA
F
I = 50mA
F
I = 2.0mA
F
I = 15mA
F
V = 25 V
R
O
V = 25 V, T = 100 C
R
J
V = 0 V, f = 1.0MHz
R
I = I = 200mAdc, I = 0.1 X I , R = 100Ω
F
R
rr
R
L
21
200
4.0
200
500
-55 ~ +125
-55 ~ +125
30
1.0
0.4
0.65
0.33
0.45
0.5
100
10
5.0
0.26
BAT42WS
BAT42WS
BAT43WS
BAT43WS
BAT42WS, BAT43WS
Document ID : DS-22K2S
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diotech Company.
BAT43WS DIOTECH-BAT43WS Datasheet
742Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
BAT43WS KEXIN-BAT43WS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Goodwork Semiconductor ...
BAT43WS GWSEMI-BAT43WS Datasheet
329Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
WILLAS ELECTRONIC CORP
BAT43WS WILLAS-BAT43WS Datasheet
160Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
More results

Similar Description - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
   200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
   200mA Surface Mount Small Signal Diodes
RB520S-40 CITC-RB520S-40 Datasheet
91Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54 CITC-BAT54 Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54WS CITC-BAT54WS Datasheet
478Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT42W CITC-BAT42W Datasheet
90Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54W CITC-BAT54W Datasheet
156Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Formosa MS
BAT54WS FORMOSA-BAT54WS_11 Datasheet
102Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com