Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGP156W1-F Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # BGP156W1-F
Description  1.5A Surface Mount General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BGP156W1-F Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  BGP156W1-F Datasheet HTML 1Page - Chip Integration Technology Corporation BGP156W1-F Datasheet HTML 2Page - Chip Integration Technology Corporation BGP156W1-F Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
BGP154W1-F THRU BGP157W1-F
1.5A Surface Mount General Purpose Rectifiers
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
Reverse Voltage (Volts)
Percent of Rated Peak Reverse Voltage ( %)
Fig. 3 - Typical Instantaneour Forward
Characteristics
Fig. 4 - Typical Reverse Characteristics
Instantaneous Forward Voltage (Volts)
Fig. 5 - Typical Junction Capacitance
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Ambient Temperature ( C)
1.8
1.5
1.2
0.9
0.6
0.3
single phase
half wave 60Hz
resistive or
inductive load
0.375" (9.5mm)
lead length
0
20
40
60
80
100
0.01
1.0
10
100
1000
O
TJ=100 C
O
TJ=150 C
O
TJ=25 C
0.1
60
50
30
10
1
10
100
0.6
0.8
1.0
1.2
1.4
1.5
0.01
0.1
1.0
10
O
TJ=25 C
pulse width = 300us
1% duty cycle
0.1
1.0
10
100
1
10
100
O
Tj=25 C
Document ID : DS-12G21
Revised Date : 2016/12
Revision : C1


Similar Part No. - BGP156W1-F

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BGP16015 SCHNEIDER-BGP16015 Datasheet
91Kb / 2P
   PowerPact B Circuit Breaker, 15A, 1P, 347V AC, 18kA at 600Y/347 UL EverLink
BGP16020 SCHNEIDER-BGP16020 Datasheet
91Kb / 2P
   PowerPact B Circuit Breaker, 20A, 1P, 347V AC, 18kA at 600Y/347 UL EverLink
BGP16025 SCHNEIDER-BGP16025 Datasheet
91Kb / 2P
   PowerPact B Circuit Breaker, 25A, 1P, 347V AC, 18kA at 600Y/347 UL EverLink
BGP16030 SCHNEIDER-BGP16030 Datasheet
91Kb / 2P
   PowerPact B Circuit Breaker, 30A, 1P, 347V AC, 18kA at 600Y/347 UL EverLink
BGP16035 SCHNEIDER-BGP16035 Datasheet
91Kb / 2P
   PowerPact B Circuit Breaker, 35A, 1P, 347V AC, 18kA at 600Y/347 UL EverLink
More results

Similar Description - BGP156W1-F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FM151 LUGUANG-FM151 Datasheet
400Kb / 2P
   1.5A Surface Mount General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60 Datasheet
272Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com