Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL254G Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # RL254G
Description  2.5A GLASS PASSIV ATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

RL254G Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  RL254G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd RL254G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
RL251G RL252G RL253G RL254G RL255G RL256G RL257G
Unit
2.5A GLASS PASSIV ATED RECTIFIER
RL251G – RL257G
1 of 2
RL251G – RL257G
Features
!
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
2.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
70
A
Forward Voltage
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
20
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
40
K/W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Glass Passivated Die Construction
DO-15
Dim
Min
Max
A
24.5
B
5.50
7.62
C
0.60
0.80
D
2.60
3.60
All Dimensions in mm
Alldatasheet


Similar Part No. - RL254G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL254G GOOD-ARK-RL254G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
DAESAN ELECTRONIC CORP.
RL254G DAESAN-RL254G Datasheet
315Kb / 2P
   CURRENT 2.5Amperes VOLTAGE 50 to 1000 Volts
logo
Rugao Dachang Electroni...
RL254G DACHANG-RL254G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
Leshan Radio Company
RL254G LRC-RL254G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
RL254G DACHANG-RL254G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
More results

Similar Description - RL254G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
6A05G ZSELEC-6A05G Datasheet
90Kb / 2P
   6.0A GLASS PASSIV ATED RECTIFIER
RL201G ZSELEC-RL201G Datasheet
88Kb / 2P
   2.0A GLASS PASSIV ATED RECTIFIER
1N5391G ZSELEC-1N5391G Datasheet
132Kb / 2P
   1.5A GLASS PASSIV ATED RECTIFIER
RL201 ZSELEC-RL201 Datasheet
112Kb / 2P
   2.0A GLASS PASSIV ATED RECTIFIER
1N5400G ZSELEC-1N5400G Datasheet
126Kb / 2P
   3.0A GLASS PASSIV ATED RECTIFIER
10A05G ZSELEC-10A05G Datasheet
167Kb / 2P
   10.0A GLASS PASSIV ATED RECTIFIER
logo
DIYI Electronic Technol...
SF21G DYELEC-SF21G Datasheet
513Kb / 2P
   2.0 AMP. G lass Passiv ated Sup er Fast Rectiers
logo
Zibo Seno Electronic En...
DBF2505 ZSELEC-DBF2505 Datasheet
162Kb / 2P
   2.5A GLASS PASSIVATED BRIDGE RECTIFIER
DI250 ZSELEC-DI250 Datasheet
118Kb / 2P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DI250S ZSELEC-DI250S Datasheet
117Kb / 2P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com