Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB75 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P6SMB75
Description  6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P6SMB75 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P6SMB75 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB75 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB75 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB75 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB75 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNI/BI-DIRECTIONAL 6.8 to 440Volts 600W SMD TRANSIENT VOLTAGE SUPPRESSORS
3. For Bi-Directional devices having V
2. V
Notes:
1. Suffix C denotes Bi-directional device.
3 of 5
BR measured with IT current pulse = 300
ms
RWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB6.8
P6SMB6.8A
P6SMB7.5
P6SMB7.5A
P6SMB6.8C
P6SMB6.8CA
P6SMB7.5C
P6SMB7.5CA
5.50
5.80
6.05
6.40
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10.0
10.0
10.0
10.0
10.8
10.5
11.7
11.3
55.6
57.1
51.3
53.1
1000.0
1000.0
500.0
500.0
P6SMB8.2
P6SMB8.2A
P6SMB9.1
P6SMB9.1A
P6SMB8.2C
P6SMB8.2CA
P6SMB9.1C
P6SMB9.1CA
6.63
7.02
7.37
7.78
7.38
7.79
8.19
8.65
9.02
8.61
10.0
9.55
10.0
10.0
1.0
1.0
12.5
12.1
13.8
13.4
48.0
49.6
43.5
44.8
200.0
200.0
50.0
50.0
P6SMB10
P6SMB10A
P6SMB11
P6SMB11A
P6SMB10C
P6SMB10CA
P6SMB11C
P6SMB11CA
8.10
8.55
8.92
9.40
9.00
9.50
9.90
10.5
11.0
10.5
12.1
11.6
1.0
1.0
1.0
1.0
15.0
14.5
16.2
15.6
40.0
41.4
37.0
38.5
10.0
10.0
5.0
5.0
P6SMB12
P6SMB12A
P6SMB13
P6SMB13A
P6SMB12C
P6SMB12CA
P6SMB13C
P6SMB13CA
9.72
10.2
10.5
11.1
10.8
11.4
11.7
12.4
13.2
12.6
14.3
13.7
1.0
1.0
1.0
1.0
17.3
16.7
19.0
18.2
34.7
35.9
31.6
33.0
5.0
5.0
5.0
5.0
P6SMB15
P6SMB15A
P6SMB16
P6SMB16A
P6SMB15C
P6SMB15CA
P6SMB16C
P6SMB16CA
12.1
12.8
12.9
13.6
13.5
14.3
14.4
15.2
16.5
15.8
17.6
16.8
1.0
1.0
1.0
1.0
22.0
21.2
23.5
22.5
27.3
28.3
25.5
26.7
5.0
5.0
5.0
5.0
P6SMB18
P6SMB18A
P6SMB20
P6SMB20A
P6SMB18C
P6SMB18CA
P6SMB20C
P6SMB20CA
14.5
15.3
16.2
17.1
16.2
17.1
18.0
19.0
19.8
18.9
22.0
21.0
1.0
1.0
1.0
1.0
26.5
25.2
29.1
27.7
22.6
23.8
20.6
21.7
5.0
5.0
5.0
5.0
P6SMB22
P6SMB22A
P6SMB24
P6SMB24A
P6SMB22C
P6SMB22CA
P6SMB24C
P6SMB24CA
17.8
18.8
19.4
20.5
19.8
20.9
21.6
22.8
24.2
23.1
26.4
25.2
1.0
1.0
1.0
1.0
31.9
30.6
34.7
33.2
18.8
19.6
17.3
18.1
5.0
5.0
5.0
5.0
P6SMB27
P6SMB27A
P6SMB30
P6SMB30A
P6SMB27C
P6SMB27CA
P6SMB30C
P6SMB30CA
21.8
23.1
24.3
25.6
24.3
25.7
27.0
28.5
29.7
28.4
33.0
31.5
1.0
1.0
1.0
1.0
39.1
37.5
43.5
41.4
15.3
16.0
13.8
14.5
5.0
5.0
5.0
5.0
P6SMB SERIES
P6SMB SERIES
Alldatasheet


Similar Part No. - P6SMB75

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB75 MOTOROLA-P6SMB75 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Nantong Hornby Electron...
P6SMB75 HORNBY-P6SMB75 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB75 TSC-P6SMB75 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
P6SMB75 TSC-P6SMB75 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB75 PANJIT-P6SMB75 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMB75

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com