Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2AF Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S2AF
Description  2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S2AF Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S2AF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S2AF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
S2AF-S2MF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
S2AF-S2MF
0
0.5
1.0
1.5
2.0
2.5
20
40
60
80
100
120
140
160
T , LEADTEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
Resistive or
inductive load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (% )
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig.3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
JEDEC Method
I PULSE WIDTH = 300 S
F
µ
T = 25°C
j
0.01
0.1
1.0
10
0.5
0.7
0.9
1.1
1.3
1.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F


Similar Part No. - S2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2AF ETC2-S2AF Datasheet
525Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Nanjing International G...
S2AF DGNJDZ-S2AF Datasheet
162Kb / 2P
   2.0 AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Guangdong Kexin Industr...
S2AF KEXIN-S2AF Datasheet
1Mb / 3P
   Rectifier Diodes
logo
Nantong Hornby Electron...
S2AF HORNBY-S2AF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Microdiode Electronics ...
S2AF CHENDA-S2AF Datasheet
626Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - S2AF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2KDF DIODES-S2KDF Datasheet
441Kb / 5P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
GS2A ZSELEC-GS2A Datasheet
106Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AW ZSELEC-S2AW Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S2ABF ZSELEC-S2ABF Datasheet
167Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2A ZSELEC-S2A Datasheet
113Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF2A ZSELEC-GF2A Datasheet
74Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Sangdest Microelectroni...
S2A-M SMC-S2A-M Datasheet
176Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2KDFQ DIODES-S2KDFQ Datasheet
350Kb / 5P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com