Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSHG6200 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSHG6200
Description  High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHG6200 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSHG6200_11 Datasheet HTML 1Page - Vishay Siliconix TSHG6200_11 Datasheet HTML 2Page - Vishay Siliconix TSHG6200_11 Datasheet HTML 3Page - Vishay Siliconix TSHG6200_11 Datasheet HTML 4Page - Vishay Siliconix TSHG6200_11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSHG6200
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 24-Aug-11
4
Document Number: 81078
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
0.5
+ 0.15
- 0.05
5 ± 0.15
Area not plane
technical drawings
according to DIN
specifications
6.544-5259.02-4
Issue: 8; 19.05.09
95 10917
2.54 nom.
0.5
+ 0.15
- 0.05
A
C
0.6
+ 0.2
- 0.1
R 2.49 (sphere)


Similar Part No. - TSHG6200_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG6200 VISHAY-TSHG6200_07 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Dec-07
TSHG6200 VISHAY-TSHG6200_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSHG6200 VISHAY-TSHG6200_V01 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG6200 VISHAY-TSHG6200_V02 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSHG6200_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG6410 VISHAY-TSHG6410_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 08-Jul-09
TSHG6200 VISHAY-TSHG6200_07 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Dec-07
TSHG5410 VISHAY-TSHG5410_11 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
TSHG6200 VISHAY-TSHG6200_V01 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG5210 VISHAY-TSHG5210_V02 Datasheet
107Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG6410 VISHAY-TSHG6410_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG5210 VISHAY-TSHG5210_09 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSHG6210 VISHAY-TSHG6210_09 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
VSMG3700 VISHAY-VSMG3700_10 Datasheet
127Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.4, 06-Oct-10
TSHG6400 VISHAY-TSHG6400_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 29-Jun-09
TSHG6400 VISHAY-TSHG6400_11 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 23-Aug-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com