Electronic Components Datasheet Search |
|
MAX3746 Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX3746 Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 12 page Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = +2.97V to +3.63V, CML output load is 50Ω to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25°C, unless otherwise specified. The data input transition time is controlled by 4th-order Bessel filter with f-3dB = 0.75 x 2.667GHz for all data rates of 2.667Gbps and below, and with f-3dB = 0.75 x 3.2GHz for a data rate of 3.2Gbps.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Random Jitter Input = 4mVP-P (Notes 2, 4) 3 7 psRMS Data Output Transition Time 4mVP-P < VINP-P < 1200mVP-P, 20% to 80% (Note 2) 70 114 ps Input-ReferredNoise (Note 2) 150 µVRMS Low-Frequency Cutoff 20 kHz Includes the CML output current; OUTPOL connected to VCC or GND 35 41.5 Includes the CML output current; OUTPOL open or connected to 30k Ω to GND 29 35 Power-Supply Current ICC Excludes the CML output current and the CM_RSSI circuitry; OUTPOL connected to VCC or GND (Note 5) 20 25 mA Power-Supply Noise Rejection PSNR f < 2MHz 40 dB LOSS-OF-SIGNAL (Notes 2, 6) LOS Hysteresis 10 log (VDEASSERT / VASSERT) 1.25 2.2 dB LOS Assert/Deassert Time (Note 7) 2.3 50 µs Low LOS Assert Level RTH = 2kΩ 2.6 4 6.4 mVP-P Low LOS Deassert Level RTH = 2kΩ 6 9.6 mVP-P Medium LOS Assert Level RTH = 14kΩ 19.6 28 31.8 mVP-P Medium LOS Deassert Level RTH = 14kΩ 42 54.7 mVP-P High LOS Assert Level RTH = 25kΩ 36 50 54.3 mVP-P High LOS Deassert Level RTH = 25kΩ 84 114 mVP-P CM_RSSI SPECIFICATION RSSI Current Gain ARSSI IRSSI / ICM_RSSI (Note 8) 0.031 VCM to IRSSI 3dB Bandwidth 40 kHz Input-Referred RSSI Current Stability IRSSI ARSSI Input < 6.6mA, 0V ≤ VRSSI ≤ 2.5V (Note 9) -40 +36 µA RSSI Output Compliance Voltage VRSSI 0 2.0 V TTL/CMOS I/O LOS Output High Voltage VOH RLOS = 4.7kΩ to 10kΩ to Vcc_host (3V) 2.4 V LOS Output Low Voltage VOL RLOS = 4.7kΩ to 10kΩ to Vcc_host (3.6V) 0.4 V |
Similar Part No. - MAX3746 |
|
Similar Description - MAX3746 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |