Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3746 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3746
Description  Low-Power, 622Mbps to 3.2Gbps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3746 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3746 Datasheet HTML 1Page - Maxim Integrated Products MAX3746 Datasheet HTML 2Page - Maxim Integrated Products MAX3746 Datasheet HTML 3Page - Maxim Integrated Products MAX3746 Datasheet HTML 4Page - Maxim Integrated Products MAX3746 Datasheet HTML 5Page - Maxim Integrated Products MAX3746 Datasheet HTML 6Page - Maxim Integrated Products MAX3746 Datasheet HTML 7Page - Maxim Integrated Products MAX3746 Datasheet HTML 8Page - Maxim Integrated Products MAX3746 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
Low-Power, 622Mbps to 3.2Gbps
Limiting Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.97V to +3.63V, CML output load is 50Ω to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC =
+3.3V, TA = +25°C, unless otherwise specified. The data input transition time is controlled by 4th-order Bessel filter with f-3dB = 0.75 x
2.667GHz for all data rates of 2.667Gbps and below, and with f-3dB = 0.75 x 3.2GHz for a data rate of 3.2Gbps.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DISABLE Input High
VIH
2.0
V
DISABLE Input Low
VIL
0.8
V
DISABLE Input Current
RLOS = 4.7kΩ to 10kΩ to Vcc_host
10
µA
Note 1: Between sensitivity and overload, all AC specifications are met.
Note 2: Guaranteed by design and characterization.
Note 3: The deterministic jitter caused by the filter is not included in the DJ generation specification.
Note 4: Random jitter was measured without using a filter at the input.
Note 5: The supply current measurement excludes the CML output currents by connecting the CML outputs to a separate VCC. (See
Figure 1.)
Note 6: Hysteresis is calculated as 10 log (VDEASSERT / VASSERT). Unless otherwise specified, the data rate for all LOS detect speci-
fications varies from 622Mbps up to 3.2Gbps, and the patterns are 1010 or 223 - 1 PRBS.
Note 7: The signal is switched between two amplitudes, Signal_On and Signal _Off as shown in Figure 2.
Note 8: ICM_RSSI is the input common-mode current. IRSSI is the current at the RSSI output.
Note 9: Stability is defined as the variation over temperature and power supply with respect to the typical gain of the part.
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
90
80
60 70
-10 0 10 20 30 40 50
-30-20
10
20
30
40
50
60
70
80
90
100
0
-40
100
CML OUTPUTS INCLUDED
CML OUTPUTS NOT INCLUDED
OUTPOL = VCC
TRANSFER FUNCTION
DIFFERENTIAL INPUT (mVP-P)
5
4
3
2
1
100
200
300
400
500
600
700
800
900
0
06
OUTPOL = VCC
RANDOM JITTER vs. TEMPERATURE
(INPUT LEVEL 10mVP-P)
TEMPERATURE (°C)
90
80
60 70
-10 0 10 20 30 40 50
-30-20
1
2
3
4
5
6
7
8
9
10
0
-40
100


Similar Part No. - MAX3746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
MAX3746ETE MAXIM-MAX3746ETE Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
MAX3746HETE MAXIM-MAX3746HETE Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
More results

Similar Description - MAX3746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747 MAXIM-MAX3747 Datasheet
360Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com