Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3291CPD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3291CPD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3291CPD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3291CPD Datasheet HTML 1Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 2Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 3Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 4Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 5Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 6Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 7Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 8Page - Maxim Integrated Products MAX3291CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS (continued)
(Typical Operating Circuit, VCC = +5V ±5%, RPSET = 0 (MAX3292), VCC = VCCD (MAX3292), TA = +25°C, unless otherwise noted.
Typical values are at VCC = +5V and TA = +25°C.)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device
ground unless otherwise noted.
Note 2: Guaranteed by design.
Note 3: DPER is defined as (VODP / VOD).
Note 4:
∆VODP and ∆VOC are the changes in VDD and VOC, respectively, when the DI input changes. This specification reflects
constant operating conditions. When operating conditions shift, the maximum value may be momentarily exceeded.
Note 5:
∆VODP and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 6: Maximum current level applies to peak current just prior to foldback-current limiting; minimum current level applies during
current limiting.
Note 7: Shutdown is enabled by bringing RE high and DE low. If the enable inputs are in this state for less than 50ns, the device is
guaranteed not to enter shutdown. If the enable inputs are in this state for at least 500ns, the device is guaranteed to have
entered shutdown. Time to shutdown for the device (tSHDN) is measured by monitoring R0 as in Figure 4.
Figures 2 and 6, S2 closed, RL = 500Ω,
CL = 100pF
Figures 2 and 6, RL = 500Ω, CL = 100pF,
S2 closed
CONDITIONS
ns
ns
6000
8750
tDZH(SHDN)
Driver Enable from Shutdown
to Output High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Figures 4 and 11 (Note 7)
ns
50
160
500
tSHDN
Time to Shutdown
Figures 2 and 8, RL = 1kΩ, CL = 100pF,
S1 closed
ns
343
55
tRZL
Receiver Enable to Output
Low
Figures 2 and 8, RL = 1kΩ, CL = 15pF,
S1 closed
ns
Figures 2 and 8, RL = 1kΩ, CL = 100pF,
S2 closed
25
45
tRLZ
Receiver Disable Time from
Low
ns
343
55
tRZH
Receiver Enable to Output
High
Figures 2 and 8, RL = 1kΩ, CL = 15pF,
S2 closed
ns
25
45
tRHZ
Receiver Disable Time from
High
Figures 2 and 6, RL = 500Ω, CL = 100pF,
S1 closed
ns
6000
8750
tDZL(SHDN)
Driver Enable from Shutdown
to Output Low
Figures 2 and 8, RL = 1kΩ, CL = 100pF,
S1 closed
ns
30
1500
tRZL(SHDN)
Receiver Enable from
Shutdown to Output Low
Figures 2 and 8, RL = 1kΩ, CL = 100pF,
S2 closed
ns
850
1500
tRZH(SHDN)
Receiver Enable from
Shutdown to Output High
Figures 7 and 9, CL = 100pF
ns
3
tRSKEW
Receiver Output Skew
 tRPLH - tRPHL
Driver Enable to Output High
tDZH
72
105
Figures 7 and 9, CL = 50pF, VID = 2V,
VCM = 0
Receiver Propagation Delay
tRPHL
52
85
ns
49
85
tRPLH
Figures 2 and 6, S2 closed, RL = 500Ω,
CL = 15pF
Driver Disable Time from High
tDHZ
71
100
ns
Figures 2 and 6, S1 closed, RL = 500Ω,
CL = 15pF
Driver Disable Time from Low
tDLZ
53
100
ns
Figures 2 and 6, S1 closed, RL = 500Ω,
CL = 100pF
Driver Enable to Output Low
tDZL
55
105
ns


Similar Part No. - MAX3291CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3291CPD MAXIM-MAX3291CPD Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
More results

Similar Description - MAX3291CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX22501E MAXIM-MAX22501E Datasheet
1Mb / 19P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22500E MAXIM-MAX22500E Datasheet
1Mb / 19P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22501E MAXIM-MAX22501E_V01 Datasheet
1Mb / 24P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
2021
logo
Analog Devices
MAX22500E AD-MAX22500E Datasheet
1Mb / 23P
   100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 3; 12/21
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com