Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL10T80 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SL10T80
Description  10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SL10T80 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SL10T80 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SL10T80 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SL10T80 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Case:TO-277B Molded Plastic "Green" Molding Compound
Excellent High Temperature Stability
Lead Free: For RoHS/Lead Free Version
High Thermal Reliability
Ultra Low Power Loss, High Efficiency
High Foward Surge Capability
High Junction Temperture
Bypass Diodes for Solar Panels
Features
!
!
!
!
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1 of 3
!
Patented Super Barrier Rectifier Technology
!
!
!
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SL10T80-SL10T200
SL10T80-SL10T200
!
Schottky Barrier Chip
10T120
10T80
SL
-55 to +150
-55 to +150
56
DC
At Rated DC Blocking Voltage
T =100
Peak Reverse Curent
T =25
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current
(Note1)
Unit
V
A
mA
℃ /W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
Operating junction temperature range
0.3
10
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
10
Parameter
Symbol
V RRM
80
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
200
RMS Rectified Voltage
(Note2)
IO
IFSM
V FM
IR
RθJA
RθJL
TJ
TSTG
A
A
SL
SL
10T150
SL
10T200
SL
200
140
T =25
@IF=5A
A
T =25
@IF=10A
A
Typ
Max.
-
Forward Voltage Drop
T =25
@IF=1A
A
0.38
0.50
0.63
0.57
A
t
I 2 t Rating for Fusing (t < 8.3ms)
2
2s
I
166
10T100
100
70
120
84
150
105
110
3.5
Typ
Max.
-
0.38
0.50
0.64
0.59
-
Typ
Max.
-
0.46
0.64
0.79
0.73
-
Typ
Max.
-
0.49
0.67
0.80
0.74
10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
-
-
Typ
Max.
-
0.62
0.73
0.86
0.81
-


Similar Part No. - SL10T80

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SL10T80 ZSELEC-SL10T80 Datasheet
190Kb / 2P
   10.0 A SUPER BARRIER RECTIFIER
SL10T80L ZSELEC-SL10T80L Datasheet
190Kb / 2P
   10.0 A SUPER BARRIER RECTIFIER
SL10T80 ZSELEC-SL10T80_V01 Datasheet
190Kb / 2P
   10.0 A SUPER BARRIER RECTIFIER
More results

Similar Description - SL10T80

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SB10T80L ZSELEC-SB10T80L Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
10U45S ZSELEC-10U45S Datasheet
299Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR10T80L ZSELEC-SR10T80L Datasheet
264Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB1045L ZSELEC-SB1045L Datasheet
278Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR1045L ZSELEC-SR1045L Datasheet
228Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shanghai Shunye Electro...
SB1045L SY-SB1045L Datasheet
1Mb / 2P
   10A Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBG1030CT DIODES-SBG1030CT_1 Datasheet
77Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. 4 - 2
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com