Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207ADR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1207ADR2
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207ADR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1207ADR2 Datasheet HTML 1Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 2Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 3Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 4Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 5Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 6Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 7Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 8Page - ON Semiconductor NCP1207ADR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
November, 2004 − Rev. 1
1
Publication Order Number:
NCP1207A/D
NCP1207A
PWM Current−Mode
Controller for Free Running
Quasi−Resonant Operation
The NCP1207A combines a true current mode modulator and a
demagnetization detector to ensure full borderline/critical Conduction
Mode in any load/line conditions and minimum drain voltage switching
(Quasi−Resonant operation). Due to its inherent skip cycle capability,
the controller enters burst mode as soon as the power demand falls
below a predetermined level. As this happens at low peak current, no
audible noise can be heard. An internal 8.0
ms timer prevents the
free−run frequency to exceed 100 kHz (therefore below the 150 kHz
CISPR−22 EMI starting limit), while the skip adjustment capability lets
the user select the frequency at which the burst foldback takes place.
The Dynamic Self−Supply (DSS) drastically simplifies the
transformer design in avoiding the use of an auxiliary winding to
supply the NCP1207A. This feature is particularly useful in
applications where the output voltage varies during operation (e.g.
battery chargers). Due to its high−voltage technology, the IC is
directly connected to the high−voltage DC rail. As a result, the
short−circuit trip point is not dependent upon any VCC auxiliary level.
The transformer core reset detection is done through an auxiliary
winding which, brought via a dedicated pin, also enables fast
Overvoltage Protection (OVP). Once an OVP has been detected, the
IC permanently latches off.
Finally, the continuous feedback signal monitoring implemented
with an overcurrent fault protection circuitry (OCP) makes the final
design rugged and reliable.
Features
Free−Running Borderline/Critical Mode Quasi−Resonant Operation
Current−Mode with Adjustable Skip−Cycle Capability
No Auxiliary Winding V
CC Operation
Auto−Recovery Overcurrent Protection
Latching Overvoltage Protection
External Latch Triggering, e.g. Via Overtemperature Signal
500 mA Peak Current Source/Sink Capability
Undervoltage Lockout for VCC Below 10 V
Internal 1.0 ms Soft−Start
Internal 8.0 ms Minimum T
OFF
Adjustable Skip Level
Internal Temperature Shutdown
Direct Optocoupler Connection
SPICE Models Available for TRANsient Analysis
Pb−Free Package is Available
Typical Applications
AC/DC Adapters for Notebooks, etc.
Offline Battery Chargers
Consumer Electronics (DVD Players, Set−Top Boxes, TVs, etc.)
Auxiliary Power Supplies (USB, Appliances, TVs, etc.)
PDIP−8
N SUFFIX
CASE 626
1
8
1
8
SO−8
D1, D2 SUFFIX
CASE 751
18
5
3
4
(Top View)
Dmg
CS
HV
PIN CONNECTIONS
7
6
2
NC
FB
Gnd
Drv
VCC
MARKING
DIAGRAMS
1207A/P = Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
1207AP
AWL
YYWW
1
8
Device
Package
Shipping
ORDERING INFORMATION
NCP1207ADR2
SOIC−8
2500/Tape & Reel
NCP1207AP
PDIP−8
50 Units/Tube
NCP1207ADR2G
SOIC−8
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
1207A
ALYW
1
8


Similar Part No. - NCP1207ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207ADR2 ONSEMI-NCP1207ADR2 Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207ADR2 ONSEMI-NCP1207ADR2 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207ADR2G ONSEMI-NCP1207ADR2G Datasheet
236Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 14
More results

Similar Description - NCP1207ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com