Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207AP Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1207AP
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207AP Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1207AP Datasheet HTML 5Page - ON Semiconductor NCP1207AP Datasheet HTML 6Page - ON Semiconductor NCP1207AP Datasheet HTML 7Page - ON Semiconductor NCP1207AP Datasheet HTML 8Page - ON Semiconductor NCP1207AP Datasheet HTML 9Page - ON Semiconductor NCP1207AP Datasheet HTML 10Page - ON Semiconductor NCP1207AP Datasheet HTML 11Page - ON Semiconductor NCP1207AP Datasheet HTML 12Page - ON Semiconductor NCP1207AP Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP1207A
http://onsemi.com
9
Figure 15. A patented method allows for skip level
selection via a series resistor inserted in series
with the current
+
RESET
DRIVER
Rsense
Rskip
+
DRIVER = HIGH ? I = 0
DRIVER = LOW ? I = 200
mA
2
3
The skip level selection is done through a simple resistor
inserted between the current sense input and the sense element.
Every time the NCP1207A output driver goes low, a 200
mA
source forces a current to flow through the sense pin
(Figure 15): when the driver is high, the current source is off
and the current sense information is normally processed. As
soon as the driver goes low, the current source delivers 200
mA
and develops a ground referenced voltage across Rskip. If this
voltage is below the feedback voltage, the current sense
comparator stays in the high state and the internal latch can be
triggered by the next clock cycle. Now, if because of a low load
mode the feedback voltage is below Rskip level, then the
current sense comparator permanently resets the latch and the
next clock cycle (given by the demagnetization detection) is
ignored: we are skipping cycles as shown by Figure 16. As
soon as the feedback voltage goes up again, there can be two
situations: the recurrent period is small and a new
demagnetization detection (next wave) signal triggers the
NCP1207A. To the opposite, in low output power conditions,
no more ringing waves are present on the drain and the toggling
of the current sense comparator together with the internal 5
ms
timeout initiates a new cycle start. In normal operating
conditions, e.g. when the drain oscillations are generous, the
demagnetization comparator can detect the 50 mV crossing
and gives the “green light”, alone, to re−active the power
switch. However, when skip cycle takes place (e.g. at low
output power demands), the re−start event slides along the
drain ringing waveforms (actually the valley locations) which
decays
more
or
less
quickly,
depending
on
the
Lprimary−Cparasitic network damping factor. The situation can
thus quickly occur where the ringing becomes too weak to be
detected by the demagnetization comparator: it then
permanently stays locked in a given position and can no longer
deliver the “green light” to the controller. To help in this
situation, the NCP1207A implements a 5
ms timeout generator:
each time the 50 mV crossing occurs, the timeout is reset. So,
as long as the ringing becomes too low, the timeout generator
starts to count and after 5
ms, it delivers its “green light”. If the
skip signal is already present then the controller re−starts;
otherwise the logic waits for it to set the drive output high.
Figure 16 depicts these two different situations:
Demag Re−start
Current Sense and Timeout Re−start
5
ms
5
ms
Drain
Signal
Timeout
Signal
Drain
Signal
Timeout
Signal
Figure 16. When the primary natural ringing becomes too low, the internal timeout together with the sense
comparator initiates a new cycle when FB passes the skip level.


Similar Part No. - NCP1207AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207AP ONSEMI-NCP1207AP Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207AP ONSEMI-NCP1207AP Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207APG ONSEMI-NCP1207APG Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207APG ONSEMI-NCP1207APG Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207APG ONSEMI-NCP1207APG Datasheet
236Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 14
More results

Similar Description - NCP1207AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com