Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM63764S-VA Datasheet(PDF) 9 Page - Rohm

Part # BM63764S-VA
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63764S-VA Datasheet(HTML) 9 Page - Rohm

Back Button BM63764S-VA Datasheet HTML 5Page - Rohm BM63764S-VA Datasheet HTML 6Page - Rohm BM63764S-VA Datasheet HTML 7Page - Rohm BM63764S-VA Datasheet HTML 8Page - Rohm BM63764S-VA Datasheet HTML 9Page - Rohm BM63764S-VA Datasheet HTML 10Page - Rohm BM63764S-VA Datasheet HTML 11Page - Rohm BM63764S-VA Datasheet HTML 12Page - Rohm BM63764S-VA Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/20
BM63764S-VA
BM63764S-VC
TSZ02201-0747AB500020-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
20.Jun.2017 Rev.005
www.rohm.com
TSZ22111・15・001
Timing Chart
1) Short Circuit Current Protection (protection with the external shunt resistor and RC filter)
a1. Normal operation: IGBT ON and outputs current IC.
a2. Short circuit current detection (SCP trigger)
It is recommended to set RC time constant of 1.0 to 2.0µs so that IGBT shuts down within 2.0µs when SCP is triggered.
a3. All low side IGBT
’s gates are shut down (soft turn off).
a4. All low side IGBTs turn off.
a5. FO outputs for tFO=20µs (Min).
a6. LIN=L
a7. LIN=H, but all IGBTs keep OFF during SCP=H.
a8. FO finishes output , but IGBT
s don’t turn on until inputting the next ON signal(LIN=L→H)
IGBT of each phase can return to normal state by inputting ON signal to each phase.
a9. Normal operation: IGBT ON and outputs current IC.
Notice
SCP works only for low side IGBT only.
In case of SCP trip and FO output, please stop controlling IPM quickly to avoid the abnormal state.
a8
LIN
a7
SET
RESET
a3
a9
a1
a4
a2
Delay by RC Filter
a5
SCP
IGBT Gate
Ic
FO
SCP Trip Current
SCP Trip Voltage
a6
Shunt Resistor Voltage
Figure 10. SCP Timing Chart


Similar Part No. - BM63764S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63764S-VA ROHM-BM63764S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63764S-VA ROHM-BM63764S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM) for high speed switching drive
More results

Similar Description - BM63764S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63364S-VA ROHM-BM63364S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63363S-VA ROHM-BM63363S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63373S-VA ROHM-BM63373S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com