Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT3030AL Datasheet(PDF) 4 Page - Rohm

Part # SCT3030AL
Description  N-channel SiC power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCT3030AL Datasheet(HTML) 4 Page - Rohm

  SCT3030AL Datasheet HTML 1Page - Rohm SCT3030AL Datasheet HTML 2Page - Rohm SCT3030AL Datasheet HTML 3Page - Rohm SCT3030AL Datasheet HTML 4Page - Rohm SCT3030AL Datasheet HTML 5Page - Rohm SCT3030AL Datasheet HTML 6Page - Rohm SCT3030AL Datasheet HTML 7Page - Rohm SCT3030AL Datasheet HTML 8Page - Rohm SCT3030AL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Datasheet
SCT3030AL
-
130
-
nC
Peak reverse recovery current
Irrm
*3
-10-
A
V
Reverse recovery time
trr
*3
IF = 27A, VR = 600V
di/dt = 1100A/
s
-26-
ns
Reverse recovery charge
Qrr
*3
Forward voltage
VSD
*3
VGS = 0V, IS = 27A
-
3.2
-
A
Inverse diode direct current,
pulsed
ISM
*2
-
-
175
A
Inverse diode continuous,
forward current
IS
*1
Tc = 25°C
--
70
Body diode electrical characteristics (Source-Drain) (T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
4/12
2017.08 - Rev.C
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.


Similar Part No. - SCT3030AL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT3030AR ROHM-SCT3030AR Datasheet
937Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT3030ARHR ROHM-SCT3030ARHR Datasheet
1Mb / 17P
   Automotive Grade N-channel SiC power MOSFET
9.Nov.2022 - Rev.002
SCT3030AW7 ROHM-SCT3030AW7 Datasheet
1Mb / 14P
   N-channel SiC power MOSFET
More results

Similar Description - SCT3030AL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com