Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IC-SM2L Datasheet(PDF) 4 Page - IC-Haus GmbH

Part No. IC-SM2L
Description  LINEAR AMR SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM2L Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-SM2L_14 Datasheet HTML 1Page - IC-Haus GmbH IC-SM2L_14 Datasheet HTML 2Page - IC-Haus GmbH IC-SM2L_14 Datasheet HTML 3Page - IC-Haus GmbH IC-SM2L_14 Datasheet HTML 4Page - IC-Haus GmbH IC-SM2L_14 Datasheet HTML 5Page - IC-Haus GmbH IC-SM2L_14 Datasheet HTML 6Page - IC-Haus GmbH IC-SM2L_14 Datasheet HTML 7Page - IC-Haus GmbH IC-SM2L_14 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iC-SM2L
LINEAR AMR SENSOR (2 mm)
Rev C1, Page 4/8
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Voltage at VB
-10
10
V
G002 V()
Voltage at PSIN, NSIN, PCOS, NCOS
-10
10
V
G003 I()
Current in VB
-11
11
mA
G004 I()
Current in PSIN, NSIN, PCOS, NCOS
-11
11
mA
G005 Tj
Junction Temperature
-40
125
°C
G006 Ts
Chip Storage Temperature
-40
125
°C
THERMAL DATA
Operating conditions: VB = 5V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range package LGA SM2C
- standard temperature range
-20
90
°C
- option ET: extended temperature range
-40
125
°C
T02 Ts
Storage Temperature Range
package LGA SM2C
-40
125
°C
T03 Tl
Soldering Peak Temperature
package LGA SM2C
tpk < 20 s, convection reflow
260
°C
tpk < 20 s, vapour phase
230
°C
TOL (time on label) 8 h; please refer to
customer information file No. 7 for details
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-SM2L_14

ManufacturerPart No.DatasheetDescription
IC-Haus GmbH
IC-Haus GmbH
IC-SM2LCHIP ICHAUS-IC-SM2LCHIP Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
More results

Similar Description - IC-SM2L_14

ManufacturerPart No.DatasheetDescription
IC-Haus GmbH
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
American Electronic Components, inc
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
TE Connectivity Ltd
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
Analog Devices
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
   Integrated AMR Angle Sensor and Signal Conditioner
Honeywell Solid State Electronics Center
Honeywell Solid State E...
VM821Q1 HONEYWELL-VM821Q1 Datasheet
1Mb / 2P
   AMR 4-Pin Quadrature Sensor Integrated Circuit
10/18
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com