Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7899M Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TH7899M
Description  FullFieldCCDImageSensor 2048x20Pixels48
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7899M Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TH7899M Datasheet HTML 5Page - ATMEL Corporation TH7899M Datasheet HTML 6Page - ATMEL Corporation TH7899M Datasheet HTML 7Page - ATMEL Corporation TH7899M Datasheet HTML 8Page - ATMEL Corporation TH7899M Datasheet HTML 9Page - ATMEL Corporation TH7899M Datasheet HTML 10Page - ATMEL Corporation TH7899M Datasheet HTML 11Page - ATMEL Corporation TH7899M Datasheet HTML 12Page - ATMEL Corporation TH7899M Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
TH7899M
2201A–IMAGE–02/02
HORIZONTAL TRANSFERS


Similar Part No. - TH7899M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
TH7804ACC ATMEL-TH7804ACC Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
TH7813A ATMEL-TH7813A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7813ACC ATMEL-TH7813ACC Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7814A ATMEL-TH7814A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com