Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS82582Q38GE-450 Datasheet(PDF) 3 Page - GSI Technology

Part # GS82582Q38GE-450
Description  288Mb SigmaQuad-II Burst of 2 SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582Q38GE-450 Datasheet(HTML) 3 Page - GSI Technology

  GS82582Q38GE-450 Datasheet HTML 1Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 2Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 3Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 4Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 5Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 6Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 7Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 8Page - GSI Technology GS82582Q38GE-450 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
8M x 36 SigmaQuad-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
BW2
K
BW1
R
SA
SA
CQ
B
Q27
Q18
D18
SA
BW3
K
BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
SA
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
QVLD
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm Body—1 mm Bump Pitch
Note:
BW0 controls writes to D0:D8; BW1 controls writes to D9:D17; BW2 controls writes to D18:D26; BW3 controls writes to D27:D35
GS82582Q20/38GE-500/450/400/375
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
3/25
© 2012, GSI Technology


Similar Part No. - GS82582Q38GE-450

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582Q38GE-450 GSI-GS82582Q38GE-450 Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-450I GSI-GS82582Q38GE-450I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
More results

Similar Description - GS82582Q38GE-450

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582Q20GE-500I GSI-GS82582Q20GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT20GE-450I GSI-GS82582QT20GE-450I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-333 GSI-GS82582Q19GE-333 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q20GE-400 GSI-GS82582Q20GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-300I GSI-GS82582Q19GE-300I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com