Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP15M50SG Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CP15M50SG
Description  15A Surface Mount Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CP15M50SG Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CP15M50SG Datasheet HTML 1Page - Chip Integration Technology Corporation CP15M50SG Datasheet HTML 2Page - Chip Integration Technology Corporation CP15M50SG Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
Fig. 3 - Forward Power Dissipation
Average Forward Current,I
(A)
F ( AV )
1
10
100
1000
10000
0
5
10
15
20
25
Fig. 5 - Total Capacitance VS. Reverse Voltage
Reverse Voltage,V (V)
R
Document ID : DS-12KII
Revised Date : 2016/03/09
Revision : C
CP15M50SG
15A Surface Mount Trench Schottky Rectifier
Chip Integration Technology Corporation
0.01
0.1
1
10
100
0
100
200
300
400
500
600
Fig. 1 - Instantaneous Forward Characteristics
Instantaneous Forward Voltage,V (mV)
F
T =25°C
A
T =75°C
A
T =50°C
A
T =125°C
A
T =100°C
A
T =150°C
A
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
Reverse Voltage,V (V)
R
Fig. 2 - Reverse Characteristics
O
T =75 C
A
O
T =100 C
A
O
T =125 C
A
O
T =25 C
A
O
T =50 C
A
O
T =150 C
A
Fig.4 - Forward Current Derating Curve
O
Case Temperature,T ( C)
C
25
50
75
100
125
150
175
18
12
6
0
3
9
15


Similar Part No. - CP15M50SG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP15M45SG CITC-CP15M45SG Datasheet
101Kb / 3P
   10A Surface Mount Trench Schottky Rectifier
More results

Similar Description - CP15M50SG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP15L100S CITC-CP15L100S Datasheet
472Kb / 3P
   15A Surface Mount Trench Schottky Rectifier
CP15H45S CITC-CP15H45S Datasheet
78Kb / 3P
   15A Surface Mount Trench Schottky Rectifier
CP15L50SG CITC-CP15L50SG Datasheet
760Kb / 3P
   15A Surface Mount Trench Schottky Rectifier
CP15L45SG CITC-CP15L45SG Datasheet
578Kb / 3P
   15A Surface Mount Trench Schottky Rectifier
logo
Diodes Incorporated
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
MBRB1530CT DIODES-MBRB1530CT_10 Datasheet
83Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 6 - 2
MBRB1530CT DIODES-MBRB1530CT Datasheet
46Kb / 2P
   15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
MBRB1530CT DIODES-MBRB1530CT_15 Datasheet
82Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
TSPB15U45S TSC-TSPB15U45S Datasheet
218Kb / 4P
   15A, 45V Trench Schottky Rectifier
TSUP15M45SH TSC-TSUP15M45SH Datasheet
432Kb / 5P
   15A, 45V Trench Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com