Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8342D10BD-350 Datasheet(PDF) 7 Page - GSI Technology

Part # GS8342D10BD-350
Description  36Mb SigmaQuad-IITM Burst of 4 SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342D10BD-350 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS8342D10BD-350 Datasheet HTML 3Page - GSI Technology GS8342D10BD-350 Datasheet HTML 4Page - GSI Technology GS8342D10BD-350 Datasheet HTML 5Page - GSI Technology GS8342D10BD-350 Datasheet HTML 6Page - GSI Technology GS8342D10BD-350 Datasheet HTML 7Page - GSI Technology GS8342D10BD-350 Datasheet HTML 8Page - GSI Technology GS8342D10BD-350 Datasheet HTML 9Page - GSI Technology GS8342D10BD-350 Datasheet HTML 10Page - GSI Technology GS8342D10BD-350 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
GS8342D07/10/19/37BD-450/400/350/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 8/2017
7/29
© 2011, GSI Technology
Background
Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are
needed. Therefore, the SigmaQuad-II+ SRAM interface and truth table are optimized for alternating reads and writes. Separate I/O
SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers from
Separate I/O SRAMs can cut the RAM’s bandwidth in half.
SigmaQuad-II+ B4 SRAM DDR Read
The status of the Address Input, W, and R pins are sampled by the rising edges of K. W and R high causes chip disable. A Low on
the Read Enable pin, R, begins a read cycle. R is always ignored if the previous command loaded was a read command. Clocking
in a High on the Read Enable pin, R, begins a read port deselect cycle.
SRAM DDR Write
The status of the Address Input, W, and R pins are sampled by the rising edges of K. W and R High causes chip disable. A Low on
the Write Enable pin, W, and a High on the Read Enable pin, R, begins a write cycle. W is always ignored if the previous command
was a write command. Data is clocked in by the next rising edge of K, the rising edge of K after that, the next rising edge of K, and
finally by the next rising edge of K.
Special Functions
Byte Write and Nybble Write Control
Byte Write Enable pins are sampled at the same time that Data In is sampled. A High on the Byte Write Enable pin associated with
a particular byte (e.g., BW0 controls D0–D8 inputs) will inhibit the storage of that particular byte, leaving whatever data may be
stored at the current address at that byte location undisturbed. Any or all of the Byte Write Enable pins may be driven High or Low
during the data in sample times in a write sequence.
Each write enable command and write address loaded into the RAM provides the base address for a 4-beat data transfer. The x18
version of the RAM, for example, may write 72 bits in association with each address loaded. Any 9-bit byte may be masked in any
write sequence.
Nybble Write (4-bit) control is implemented on the 8-bit-wide version of the device. For the x8 version of the device, “Nybble
Write Enable” and “NWx” may be substituted in all the discussion above.


Similar Part No. - GS8342D10BD-350

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D10BD-333 GSI-GS8342D10BD-333 Datasheet
506Kb / 29P
   JEDEC-standard pinout and package
GS8342D10BD-333I GSI-GS8342D10BD-333I Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results

Similar Description - GS8342D10BD-350

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D38BGD-350 GSI-GS8342D38BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-350 GSI-GS8342D11BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT11BD-550 GSI-GS8342DT11BD-550 Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT38BD-400I GSI-GS8342DT38BD-400I Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D10BGD-450 GSI-GS8342D10BGD-450 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-550 GSI-GS8342D11BGD-550 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D19BD-300I GSI-GS8342D19BD-300I Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D19BD-333 GSI-GS8342D19BD-333 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D07BGD-350 GSI-GS8342D07BGD-350 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT10BD-333I GSI-GS8342DT10BD-333I Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT07 GSI-GS8342DT07 Datasheet
467Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com