Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4565DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4565DY
Description  N- and P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4565DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4565DY Datasheet HTML 1Page - Vishay Siliconix SI4565DY Datasheet HTML 2Page - Vishay Siliconix SI4565DY Datasheet HTML 3Page - Vishay Siliconix SI4565DY Datasheet HTML 4Page - Vishay Siliconix SI4565DY Datasheet HTML 5Page - Vishay Siliconix SI4565DY Datasheet HTML 6Page - Vishay Siliconix SI4565DY Datasheet HTML 7Page - Vishay Siliconix SI4565DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 100% Rg Tested
D UIS Tested
APPLICATIONS
D CCFL Inverter
Si4565DY
Vishay Siliconix
New Product
Document Number: 73224
S-50033—Rev. A, 17-Jan-05
www.vishay.com
1
N- and P-Channel 40-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Qg (Typ)
N-Channel
40
0.040 @ VGS = 10 V
5.2
8
N-Channel
40
0.045 @ VGS = 4.5 V
4.9
8
P Channel
40
0.054 @ VGS = −10 V
−4.5
9
P-Channel
−40
0.072 @ VGS = −4.5 V
−3.9
9
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4565DY—E3
Si4565DY-T1—E3 (with Tape and Reel)
S2
G2
D2
P-Channel MOSFET
N-Channel MOSFET
G1
D1
S1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
N-Channel
P-Channel
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
40
−40
V
Gate-Source Voltage
VGS
"12
"16
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
5.2
3.9
−4.5
−3.3
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
4.2
3.1
−3.6
−2.7
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)a
IS
1.7
0.9
−1.7
−0.9
A
Avalanche Current
L = 0 1 mH
IAS
13
16
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
8.5
13
mJ
Maximum Power Dissipatioa
TA = 25_C
PD
2.0
1.1
2
1.1
W
Maximum Power Dissipatioa
TA = 70_C
PD
1.3
0.7
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
N-Channel
P-Channel
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Maximum Junction to Ambienta
t v 10 sec
R
52
62.5
50
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
85
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
32
40
30
40
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI4565DY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4565DY-T1-E3 VBSEMI-SI4565DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI4565DY

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com