Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS40L60CT-A Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CS40L60CT-A
Description  40A Low Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS40L60CT-A Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CS40L60CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS40L60CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS40L60CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
40A Low Barrier Diode
CS40L60CT-A
Document ID : DS-11KH1
Revised Date : 2015/07/09
Revision : C


Similar Part No. - CS40L60CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS40L100CT-A CITC-CS40L100CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS40L45CT-A CITC-CS40L45CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CS40L60CT-A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SC3S12040B RECTRON-SC3S12040B Datasheet
586Kb / 5P
   1200v/40A Silicon Carbide Power Schottky Barrier Diode
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Frontier Electronics.
MBR4040CT FRONTIER-MBR4040CT Datasheet
524Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT Datasheet
54Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
MBR4030PT DIODES-MBR4030PT_15 Datasheet
69Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
PS40U150CT CHONGQING-PS40U150CT Datasheet
212Kb / 1P
   40A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT_1 Datasheet
63Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
SBL4030PT DIODES-SBL4030PT_15 Datasheet
67Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com