Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT125D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT125D
Description  3.3 V quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT125D Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT125D Datasheet HTML 1Page - NXP Semiconductors 74LVT125D Datasheet HTML 2Page - NXP Semiconductors 74LVT125D Datasheet HTML 3Page - NXP Semiconductors 74LVT125D Datasheet HTML 4Page - NXP Semiconductors 74LVT125D Datasheet HTML 5Page - NXP Semiconductors 74LVT125D Datasheet HTML 6Page - NXP Semiconductors 74LVT125D Datasheet HTML 7Page - NXP Semiconductors 74LVT125D Datasheet HTML 8Page - NXP Semiconductors 74LVT125D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
9397 750 14703
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 10 February 2005
3 of 15
Philips Semiconductors
74LVT125
3.3 V quad buffer; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to the
exposed die pad using conductive die
attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14, SSOP14
and TSSOP14
Fig 5.
Pin configuration DHVQFN14
125
1OE
VCC
1A
4OE
1Y
4A
2OE
4Y
2A
3OE
2Y
3A
GND
3Y
001aac476
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac477
125
Transparent top view
2Y
3A
2A
3OE
2OE
4Y
1Y
4A
1A
4OE
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)
Table 3:
Pin description
Symbol
Pin
Description
1OE
1
1 output enable input (active LOW)
1A
2
1 data input
1Y
3
1 data output
2OE
4
2 output enable input (active LOW)
2A
5
2 data input
2Y
6
2 data output
GND
7
ground (0 V)
3Y
8
3 data output
3A
9
3 data input
3OE
10
3 output enable input (active LOW)
4Y
11
4 data output
4A
12
4 data input
4OE
13
4 output enable input (active LOW)
VCC
14
supply voltage


Similar Part No. - 74LVT125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125D PHILIPS-74LVT125D Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
74LVT125D NXP-74LVT125D Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVT125D NEXPERIA-74LVT125D Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT125D-T NXP-74LVT125D-T Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
74LVT125DB PHILIPS-74LVT125DB Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
More results

Similar Description - 74LVT125D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125D-T NXP-74LVT125D-T Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVTH125 NEXPERIA-74LVTH125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT_LVTH125 PHILIPS-74LVT_LVTH125_15 Datasheet
106Kb / 16P
   3.3 V quad buffer; 3-state
Rev. 06-6 March 2006
74LVT126 PHILIPS-74LVT126_1 Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126 NEXPERIA-74LVT126 Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_15 Datasheet
99Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com