Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT125BQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT125BQ
Description  3.3 V quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT125BQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT125BQ Datasheet HTML 3Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 4Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 5Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 6Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 7Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 8Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 9Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 10Page - NXP Semiconductors 74LVT125BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
9397 750 14703
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 10 February 2005
7 of 15
Philips Semiconductors
74LVT125
3.3 V quad buffer; 3-state
[1]
Typical values are at VCC = 3.3 V and Tamb =25 °C.
12. Waveforms
tPHZ
output disable time nOE to nY
VCC = 2.7 V
-
-
5.7
ns
VCC = 3.3 V ± 0.3 V
1.8
3.7
5.1
ns
tPLZ
output disable time nOE to nY
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.3 V ± 0.3 V
1.3
2.6
4.5
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 2.5 ns; CL = 50 pF; RL = 500 Ω; for test circuit see Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Propagation delay input (nA) to output (nY)
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 7.
Enable and disable times of 3-state outputs
mnb072
nA input
nY output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
001aac475
tPZL
nY output
nY output
nOE input
VOL
VCC
VOH
VI
VM
GND
0 V
tPLZ
tPZH
tPHZ
VOL + 0.3 V
VOH − 0.3 V
VM
VM


Similar Part No. - 74LVT125BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125BQ NXP-74LVT125BQ Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVT125BQ NEXPERIA-74LVT125BQ Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
More results

Similar Description - 74LVT125BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125D-T NXP-74LVT125D-T Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVTH125 NEXPERIA-74LVTH125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT_LVTH125 PHILIPS-74LVT_LVTH125_15 Datasheet
106Kb / 16P
   3.3 V quad buffer; 3-state
Rev. 06-6 March 2006
74LVT126 PHILIPS-74LVT126_1 Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126 NEXPERIA-74LVT126 Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_15 Datasheet
99Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com