Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-M13YT Datasheet(PDF) 5 Page - Rohm

Part # SML-M13YT
Description  Compact LED with reflector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-M13YT Datasheet(HTML) 5 Page - Rohm

  SML-M13YT Datasheet HTML 1Page - Rohm SML-M13YT Datasheet HTML 2Page - Rohm SML-M13YT Datasheet HTML 3Page - Rohm SML-M13YT Datasheet HTML 4Page - Rohm SML-M13YT Datasheet HTML 5Page - Rohm SML-M13YT Datasheet HTML 6Page - Rohm SML-M13YT Datasheet HTML 7Page - Rohm SML-M13YT Datasheet HTML 8Page - Rohm SML-M13YT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
■Chromaticity Diagram
[SML-M13x/MN2x series]
0 .23
0 .24
0 .25
0 .26
0 .27
0 .28
0 .29
0 .30
0 .31
0 .32
0 .33
0 .34
0 .35
0 .36
0 .26
0.2 7
0.28
0.29
0.30
0.31
0 .32
0.3 3
0.3 4
CIE x
0
3
2
4
Red(V,U)
(Ta=25ºC, IF=20mA)
K
L
M
N
P
Q
R
S
T
U
V
W
4.0〜6.3 6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
Orange(D)
(Ta=25ºC, IF=20mA)
K
L
M
N
P
Q
R
S
T
U
V
W
4.0〜6.3 6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
Yellow(Y)
(Ta=25ºC, IF=20mA)
K
L
M
N
P
Q
R
S
T
U
V
W
4.0〜6.3 6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
Yellowish Green(M)
(Ta=25ºC, IF=20mA)
K
L
M
N
P
Q
R
S
T
U
V
W
4.0〜6.3 6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
Green(P,E)
(Ta=25ºC, IF=20mA(P),Ta=25ºC, IF=5mA(E))
K
L
M
N
P
Q
R
S
T
U
V
W
4.0〜6.3 6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
Blue(B)
(Ta=25ºC, IF=5mA)
K
L
M
N
P
Q
R
S
T
U
V
W
4.0〜6.3 6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
White(WB)
(Ta=25ºC, IF=5mA)
K
L
M
N
P
Q
R
S
T
U
V
W
4.0〜6.3 6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
Rank
Iv (mcd)
Iv (mcd)
SML-M13DT
SML-M13YT
SML-M13VT
SML-M13UT
Rank
Rank
Iv (mcd)
Iv (mcd)
SMLMN2WB1CW(C)
Rank
Iv (mcd)
Rank
Rank
SML-M13MT
Iv (mcd)
SMLMN2BCT(C)
SML-M13PT
SMLMN2ECT(C)
Rank
Iv (mcd)
1
5
(Ta=25℃、If=5mA)
x
y
x
y
x
y
0.286
0.244
0.280
0.252
0.296
0.259
0.280
0.252
0.273
0.261
0.291
0.268
0.291
0.268
0.285
0.279
0.310
0.297
0.296
0.259
0.291
0.268
0.313
0.284
x
y
x
y
x
y
0.291
0.268
0.313
0.284
0.310
0.297
0.285
0.279
0.310
0.297
0.307
0.312
0.307
0.312
0.330
0.330
0.330
0.347
0.310
0.297
0.330
0.310
0.330
0.330
Measurement tolerance:±0.01
0
1
2
4
5
3
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/10
2017.5 - Rev.005


Similar Part No. - SML-M13YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M13YT ROHM-SML-M13YT Datasheet
1Mb / 4P
   Compact LED with reflector
SML-M13YTT86P ROHM-SML-M13YTT86P Datasheet
1Mb / 4P
   Compact LED with reflector
SML-M13YTT87P ROHM-SML-M13YTT87P Datasheet
1Mb / 4P
   Compact LED with reflector
More results

Similar Description - SML-M13YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M1 ROHM-SML-M1 Datasheet
1Mb / 4P
   Compact LED with reflector
logo
Everlight Electronics C...
96-22SYGC EVERLIGHT-96-22SYGC Datasheet
114Kb / 6P
   High Performance with Reflector LED
logo
ams AG
LST67F.01 AMSCO-LST67F.01 Datasheet
1Mb / 22P
   SMT LED with integrated reflector.
Version 1.3 2023-07-24
LAT67F.01 AMSCO-LAT67F.01 Datasheet
1Mb / 22P
   SMT LED with integrated reflector.
Version 1.2 2023-07-20
LRT67F.01 AMSCO-LRT67F.01 Datasheet
1Mb / 21P
   SMT LED with integrated reflector.
Version 1.2 2023-07-25
logo
Roithner LaserTechnik G...
TOLATG004 ROITHNER-TOLATG004 Datasheet
229Kb / 2P
   Reflector LED
TOLATB004 ROITHNER-TOLATB004 Datasheet
344Kb / 2P
   Reflector LED
TOLATR002 ROITHNER-TOLATR002 Datasheet
233Kb / 2P
   Reflector LED
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com